Electronic Components Datasheet Search
  English  ▼

X  

LT3593 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3593
Description  1MHz White LED Driver with Output Disconnect and One Pin Current Programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3593 Datasheet(HTML) 1 Page - Linear Technology

  LT3593 Datasheet HTML 1Page - Linear Technology LT3593 Datasheet HTML 2Page - Linear Technology LT3593 Datasheet HTML 3Page - Linear Technology LT3593 Datasheet HTML 4Page - Linear Technology LT3593 Datasheet HTML 5Page - Linear Technology LT3593 Datasheet HTML 6Page - Linear Technology LT3593 Datasheet HTML 7Page - Linear Technology LT3593 Datasheet HTML 8Page - Linear Technology LT3593 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3593
1
3593f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
1MHz White LED Driver with
Output Disconnect and One
Pin Current Programming
The LT
®3593 is a step-up DC/DC converter designed to
drive up to ten white LEDs in series from a Li-Ion cell.
Series connection of the LEDs provides identical LED
currents and eliminates the need for ballast resistors. The
device features a unique high side LED current sense that
enables the part to function as a “one wire current source”
where the low side of the LED string can be returned to
ground anywhere.
Additional features include output disconnect in shutdown,
open LED protection and 1-pin shutdown/LED current
control. The CTRL pin is toggled to adjust the LED current
via an internal counter and a 5-bit DAC.
The LT3593 switches at 1MHz, allowing the use of tiny
external components. Constant frequency switching re-
sults in low input noise and a small output capacitor. The
LT3593 is available in the 6-lead DFN (2mm × 2mm) as
well as the 6-lead SOT-23 packages.
Li-Ion Driver for Ten White LEDs
n Drives Up to Ten White LEDs from a 3V Supply
n One Pin Shutdown and Current Programming
n LEDs Disconnected in Shutdown
n 32:1 Linear Brightness Control Range
n VIN Range: 2.7V to 5.5V
n ±5% Output Current Accuracy at Full Scale
n Low Shutdown Current: 3μA
n 1MHz Switching Frequency
n Requires Only 1μF Output Capacitor
n Low Profile 6-Lead DFN (2mm × 2mm × 0.75mm)
and 6-Lead SOT-23 Packages
n Cell Phones
n Digital Cameras
n PDAs, Handheld Computers
n MP3 Players
n GPS Receivers
CTRL
VIN
10μH
VIN
3V TO 5V
3593 TA01a
LT3593
SHUTDOWN AND
CURRENT CONTROL
SW
CAP
LED
GND
1μF
1μF
Conversion Efficiency
LED CURRENT (mA)
0
90
70
50
80
60
40
30
10
3593 TA01b
20
15
5
VIN = 3.6V
10 LEDs
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT3593

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3593 LINER-LT3593 Datasheet
181Kb / 16P
1MHz White LED Driver with Output Disconnect and One Pin Current Programming
LT3593EDC-PBF LINER-LT3593EDC-PBF Datasheet
181Kb / 16P
1MHz White LED Driver with Output Disconnect and One Pin Current Programming
LT3593EDC-TRPBF LINER-LT3593EDC-TRPBF Datasheet
181Kb / 16P
1MHz White LED Driver with Output Disconnect and One Pin Current Programming
LT3593ES6-PBF LINER-LT3593ES6-PBF Datasheet
181Kb / 16P
1MHz White LED Driver with Output Disconnect and One Pin Current Programming
LT3593ES6-TRPBF LINER-LT3593ES6-TRPBF Datasheet
181Kb / 16P
1MHz White LED Driver with Output Disconnect and One Pin Current Programming
More results

Similar Description - LT3593

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3593 LINER-LT3593 Datasheet
181Kb / 16P
1MHz White LED Driver with Output Disconnect and One Pin Current Programming
logo
Holtek Semiconductor In...
HT7939 HOLTEK-HT7939 Datasheet
714Kb / 13P
High Current and Performance White LED Driver
November 3, 2009
HT7938 HOLTEK-HT7938 Datasheet
469Kb / 11P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_10 Datasheet
320Kb / 13P
High Current and Performance White LED Driver
HT7938A HOLTEK-HT7938A_13 Datasheet
2Mb / 13P
High Current and Performance White LED Driver
logo
Monolithic Power System...
MP3412 MPS-MP3412 Datasheet
334Kb / 12P
1.1A, 1MHz Synchronous Boost WLED Driver with Output Disconnect
logo
Holtek Semiconductor In...
HT7938 HOLTEK-HT7938_16 Datasheet
914Kb / 11P
High Current and Performance White LED Driver
June 25, 2016
HT7938A HOLTEK-HT7938A_16 Datasheet
1Mb / 12P
High Current and Performance White LED Driver
HT7939 HOLTEK-HT7939_16 Datasheet
2Mb / 12P
High Current and Performance White LED Driver
HT7939A HOLTEK-HT7939A_16 Datasheet
3Mb / 12P
High Current and Performance White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com