Electronic Components Datasheet Search
  English  ▼

X  

LT3593 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3593
Description  1MHz White LED Driver with Output Disconnect and One Pin Current Programming
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3593 Datasheet(HTML) 2 Page - Linear Technology

  LT3593 Datasheet HTML 1Page - Linear Technology LT3593 Datasheet HTML 2Page - Linear Technology LT3593 Datasheet HTML 3Page - Linear Technology LT3593 Datasheet HTML 4Page - Linear Technology LT3593 Datasheet HTML 5Page - Linear Technology LT3593 Datasheet HTML 6Page - Linear Technology LT3593 Datasheet HTML 7Page - Linear Technology LT3593 Datasheet HTML 8Page - Linear Technology LT3593 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3593
2
3593f
ABSOLUTE MAXIMUM RATINGS
Input Voltage...............................................................6V
CTRL Voltage ..............................................................6V
SW Voltage ...............................................................45V
CAP Voltage ..............................................................45V
LED Voltage ..............................................................45V
(Note 1)
TOP VIEW
SW
CAP
LED
VIN
GND
CTRL
DC PACKAGE
6-LEAD (2mm × 2mm) PLASTIC DFN
4
5
7
6
3
2
1
TJMAX = 125°C, θJA = 106°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
CTRL 1
GND 2
VIN 3
6 LED
5 CAP
4 SW
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 192°C/W
PIN CONFIGURATION
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
2.7
5.5
V
Supply Current
Not Switching; During Current Programming
300
μA
CTRL = 0
3
10
μA
Switching Frequency
0.85
1
1.15
MHz
Maximum Duty Cycle
92
94
%
Switch Current Limit
550
700
mA
Switch VCESAT
ISW = 250mA
250
mV
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VCTRL = 3.6V, unless otherwise specified.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3593EDC#PBF
LT3593EDC#TRPBF
LDBR
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LT3593ES6#PBF
LT3593ES6#TRPBF
LTDBS
6-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Junction Temperature Range
(Note 2).................................................... –40°C to 85°C
Maximum Junction Temperature........................... 125°C
Storage Temperature Range................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT Package................................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com