Electronic Components Datasheet Search
  English  ▼

X  

LT3595 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology LT3595 Datasheet HTML 10Page - Linear Technology LT3595 Datasheet HTML 11Page - Linear Technology LT3595 Datasheet HTML 12Page - Linear Technology LT3595 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3595
9
3595f
TYPICAL APPLICATIONS
Discontinuous Current Mode
The LT3595 can drive a 10-LED string at 15mA LED cur-
rent operating in continuous conduction mode using the
recommended external components shown in the ap-
plication circuit on page 1 of this data sheet. As current
is further reduced, the regulator enters discontinuous
conduction mode. The photo in Figure 1 details circuit
operation driving ten LEDs at 10mA load. The inductor
current reaches zero during the discharge phase and the
SW pin exhibits ringing. The ringing is due to the LC tank
circuit formed by the inductor in combination with the
switch and diode capacitance. This ringing is not harmful;
far less spectral energy is contained in the ringing than in
the switch transitions.
OPERATION
Figure 1. Switching Waveforms
Inductor Selection
A 100μH inductor is recommended for most LT3595
applications. Although small size and high efficiency are
major concerns, the inductor should have low core losses
at 2MHz and low DCR (copper wire resistance). Some
inductors that meet these criteria are listed in Table 1. An
efficiency comparison of different inductors is shown in
Figure 2.
Table 1. Inductor Manufacturers
VENDOR
PART
SERIES
INDUCTANCE
RANGE (μH)
RELEVANT TO
LT3595
DIMENSIONS
(mm)
Coilcraft
www.coilcraft.com
DO1605
LPS4012
1812FS
MSS5131
100 to 680
100 to 680
100 to 680
100 to 390
5.4 × 4.2 × 1.8
4 × 4 × 1.2
5.8 × 4.9 × 3.8
5.1 × 5.1 × 3.1
Sumida
www.sumida.com
CDC4D20
100 to 680
4.8 × 4.8 × 2
Toko
www.tokoam.com
D53LC
100 to 680
5.2 × 5.4 × 3
TDK
www.component.
tdk.com
VLCF4020T
100 to 330
4 × 4 × 2
Coiltronics
www.cooperet.com
SD3812
SD52
100 to 330
100 to 330
4 × 4 × 1.2
5.6 × 5.2 × 2
Murata
www.murata.com
LQH32M
LQH43M
100 to 560
100 to 680
3.2 × 2.5 × 2
4.5 × 3.2 × 2
Capacitor Selection
The small size of ceramic capacitors make them ideal for
LT3595 applications. Only X5R and X7R types should be
used because they retain their capacitance over wider
voltage and temperature ranges than other types such
as Y5V or Z5U. Typically, 10μF capacitors on VIN and
VCC are sufficient. The output capacitor used across the
Figure 2. Efficiency Comparison of Different Inductors
400ns/DIV
IL
20mA/DIV
VSW
20V/DIV
3595 F01
VIN = 45V
10 LEDS AT 10mA
ILED (mA)
0.01
100
95
90
85
0.1
1
10
100
3595 F02
COILCRAFT 1812FS-104KLB
COILCRAFT LPS4012-104MLB
TOKO A915AY-101M
TDK VLCF4020T-101MR26
COILTRONICS SD3812-101
COILTRONICS SD52-101
VIN = 45V
10 LEDS
L = 100
μH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com