Electronic Components Datasheet Search
  English  ▼

X  

LT3595 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 4 Page - Linear Technology

  LT3595 Datasheet HTML 1Page - Linear Technology LT3595 Datasheet HTML 2Page - Linear Technology LT3595 Datasheet HTML 3Page - Linear Technology LT3595 Datasheet HTML 4Page - Linear Technology LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3595
4
3595f
RSET RESISTANCE (kΩ)
25
30
50
40
60
50
150
20
10
0
75
100
125
3595 G05
DUTY CYCLE (%)
0.01
1
10
100
0.1
0.01
0.001
0.1
1
10
100
3595 G04
VIN = 45V
10 LEDS AT 20mA
PWM FREQUENCY = 100Hz
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
PWM Dimming Waveforms
(1000:1)
LED Current vs PWM Duty Cycle
Wide Dimming Range (5000:1)
LED Current vs RSET Resistance
VIN Quiescent Current
VCC Quiescent Current
⎯S⎯H⎯D⎯N Pin Bias Current
PWM Dimming Waveforms
(10:1)
VIN (V)
0
1.2
1.6
2.0
40
0.8
0.4
0
10
20
30
50
3595 G06
T = 25
°C
T = 125
°C
T = – 40
°C
400ns/DIV
10 LEDS
VSW1
50V/DIV
10 LEDS
IL1
50mA/DIV
5 LEDS
VSW2
50V/DIV
5 LEDS
IL2
50mA/DIV
3595 G01
VIN = 45V
ILED = 20mA
2
μs/DIV
ILED
20mA/DIV
IL
20mA/DIV
PWM
5V/DIV
3595 G02
VIN = 40V
10 LEDS AT 20mA
PWM FREQUENCY = 100Hz
TON = 10μs
2ms/DIV
ILED
20mA/DIV
IL
20mA/DIV
PWM
5V/DIV
3595 G03
VIN = 40V
10 LEDS AT 20mA
PWM FREQUENCY = 100Hz
TON = 1ms
VCC (V)
0
0
2
6
8
10
20
14
2
4
5
4
16
18
12
1
3
6
7
3595 F07
T = 125
°C
T = –40
°C
T = 25
°C
VCC = 3.3V
0
0
20
40
60
80
100
1
23
4
56
3595 F08
T = 125
°C
T = –40
°C
T = 25
°C
VSHDN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com