Electronic Components Datasheet Search
  English  ▼

X  

LT3595 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 1 Page - Linear Technology

  LT3595 Datasheet HTML 1Page - Linear Technology LT3595 Datasheet HTML 2Page - Linear Technology LT3595 Datasheet HTML 3Page - Linear Technology LT3595 Datasheet HTML 4Page - Linear Technology LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3595
1
3595f
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
True Color PWM is a trademark of Linear Technology Corporation. All other trademarks are
the property of their respective owners.
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
16 Channel
Buck Mode LED Driver
The LT®3595 is a high performance LED Driver designed
to drive sixteen independent channels of up to 10 LEDs
at currents up to 50mA. Series connection of the LEDs
provides identical LED currents resulting in uniform bright-
ness. Power switches, Schottky diodes, and compensation
components are all internal, providing a small converter
footprint and lower component cost. The high 2MHz
switching frequency permits the use of tiny, low profile
inductors and capacitors. A fixed frequency, current mode
architecture results in stable operation over a wide range
of supply and output voltage.
A single external resistor sets the LED current for all sixteen
channels, and dimming is then controlled for each channel
by pulse width modulating the individual PWM pins. Rela-
tive current matching among the sixteen drivers is 8% and
the PWM dimming range is 5000:1. The part is available
in a 5mm × 9mm × 0.75mm 56-pin QFN package.
16-Channel LED Driver (Three LEDs per Channel), 20mA Current
■
4.5V to 45V Input Supply Range
■
Up to 50mA LED Current per Channel
■
100mA, 45V Internal Switches
■
8% Relative LED Current Match at 20mA
■
16 Independent LED Channels
■
5000:1 True Color PWMTM Dimming Range
■
LEDs Disconnected in Shutdown
■
Internal Schottky Diodes
■
Low Quiescent Current
■
2MHz Switching Frequency
■
RSET Pin Sets Master LED Current
■
Typical Efficiency: 92%
■
Open LED Detection and Thermal Protection
■
56-Pin 5mm × 9mm × 0.75mm QFN Package
■
LED Video Billboards
■
LCD Televisions
■
Stadium and Advertising Displays
5000:1 PWM
Dimming at 100Hz
VIN
15V TO
45V
LED
BRIGHTNESS
CONTROL
VCC
3V TO
5.5V
VCC
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
10
μF
10
μF
100k
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
3595 TA01
OPENLED
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
PWM7
PWM8
VCC
PWM9
PWM10
PWM11
PWM12
PWM13
PWM14
PWM15
PWM16
GND
RSET
L1
SW1
SW2
L4
SW3
SW7
L3
SW4
L5
L6
SW5
SW6
L2
L7
SW8
L8
L16 SW16
SW15 VIN
L13
SW14
VIN SW10
L14
SW13
L12
L11
SW12
SW11
L15
L10
SW9
L9
SHDN
LT3595
LED
BRIGHT-
NESS
CONTROL
400ns/DIV
ILED
10mA/DIV
ISW
20mA/DIV
VPWM
5V/DIV
3595 TA01b
VIN = 15V
3 LEDS AT 20mA
T = 10ms
TON = 2μs


Similar Part No. - LT3595

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3595 LINER-LT3595 Datasheet
361Kb / 16P
16 Channel Buck Mode LED Driver
LT3595 LINER-LT3595 Datasheet
441Kb / 24P
60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3595 LINER-LT3595 Datasheet
403Kb / 28P
32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3595 LINER-LT3595 Datasheet
294Kb / 20P
Full-Featured LED Driver with 1.5A Switch Current
LT3595 LINER-LT3595 Datasheet
425Kb / 32P
8-Channel 횞 100mA LED Driver
More results

Similar Description - LT3595

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3595 LINER-LT3595 Datasheet
361Kb / 16P
16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A Datasheet
383Kb / 16P
16 Channel Buck Mode LED Driver
LT3595A LINER-LT3595A_15 Datasheet
388Kb / 16P
16 Channel Buck Mode LED Driver
LT3590 LINER-LT3590_15 Datasheet
237Kb / 16P
48V Buck Mode LED Driver in SC70
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
16-Channel 50mA LED Driver with Buck Controller
logo
Texas Instruments
TLC5940 TI1-TLC5940_15 Datasheet
1Mb / 38P
16-Channel LED Driver
logo
ams AG
AS3693E-16 AMSCO-AS3693E-16 Datasheet
1Mb / 33P
16 Channel LED driver
logo
Linear Technology
LT3745 LINER-LT3745 Datasheet
732Kb / 8P
16-Channel LED Driver
logo
Sanken electric
LC5910S SANKEN-LC5910S Datasheet
692Kb / 22P
Critical Current Mode Buck LED Driver IC
logo
NXP Semiconductors
ASL3416SHN NXP-ASL3416SHN Datasheet
1Mb / 38P
Enhanced three channel LED buck driver
Rev. 6 - 16 September 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com