Electronic Components Datasheet Search
  English  ▼

X  

LT3595 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology LT3595 Datasheet HTML 10Page - Linear Technology LT3595 Datasheet HTML 11Page - Linear Technology LT3595 Datasheet HTML 12Page - Linear Technology LT3595 Datasheet HTML 13Page - Linear Technology LT3595 Datasheet HTML 14Page - Linear Technology LT3595 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3595
11
3595f
Figure 3. Timing Diagram for Multi-Channel Modulation
Dimming Control
The sixteen PWM1-16 inputs control the dimming func-
tion. Each channel is modulated by its corresponding
PWM1-16 input. On a rising edge of any PWM1-16, the
IC’s internal support circuitry is enabled and the specific
channel turns on. LED current flows in the channel until
the falling edge of the PWM1-16 input. In this way, the
average LED current is modulated. The minimum on time
APPLICATIONS INFORMATION
of a channel is 2μs and the maximum period is 10ms (at
100Hz). Therefore, the maximum dimming ratio is 5000:1.
Since the maximum RSET produces 10mA, the minimum
modulated LED current is 2μA.
When multiple channels are modulated, the rising edges
of PWM1-16 must be synchronized. The falling edges may
be asynchronous. A sample timing diagram is shown in
Figure 3.
3595 F03
PWM1-4
PWM5-8
PWM9-16
ILED1-4
ILED5-8
ILED9-16
tMAX = 10ms
tON(MIN) = 2μs
SYNCHRONIZED RISING EDGES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com