Electronic Components Datasheet Search
  English  ▼

X  

LT3595 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology LT3595 Datasheet HTML 10Page - Linear Technology LT3595 Datasheet HTML 11Page - Linear Technology LT3595 Datasheet HTML 12Page - Linear Technology LT3595 Datasheet HTML 13Page - Linear Technology LT3595 Datasheet HTML 14Page - Linear Technology LT3595 Datasheet HTML 15Page - Linear Technology LT3595 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LT3595
14
3595f
30W LED Driver for 160 LEDs (16 Strings, 10 LEDs per String) at 50mA
Conversion Efficiency
TYPICAL APPLICATIONS
VIN
45V
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
10
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
3595 TA02
L1
SW1
SW2
L4
SW3
SW7
L3
SW4
L5
L6
SW5
SW6
L2
L7
SW8
L8
L16 SW16
SW15 VIN
L13
SW14
VIN SW10
L14
SW13
L12
L11
SW12
SW11
L15
L10
SW9
L9
LT3595
LED
BRIGHTNESS
CONTROL
3V TO
5.5V
VCC
10
μF
100k
OPENLED
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
PWM7
PWM8
VCC
PWM9
PWM10
PWM11
PWM12
PWM13
PWM14
PWM15
PWM16
GND
RSET
LED
BRIGHTNESS
CONTROL
SHDN
5000:1 PWM Dimming at 100Hz
ILED (mA)
10
100
95
90
85
20
30
40
50
3595 TA02b
400ns/DIV
ISW
50mA/DIV
ILED
20mA/DIV
VPWM
5V/DIV
3595 TA02c
10 LEDS AT 40mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com