Electronic Components Datasheet Search
  English  ▼

X  

LT3595 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology LT3595 Datasheet HTML 10Page - Linear Technology LT3595 Datasheet HTML 11Page - Linear Technology LT3595 Datasheet HTML 12Page - Linear Technology LT3595 Datasheet HTML 13Page - Linear Technology LT3595 Datasheet HTML 14Page - Linear Technology LT3595 Datasheet HTML 15Page - Linear Technology LT3595 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT3595
16
3595f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 0807 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LT3463/
LT3463A
Dual Output, Boost/Inverter, 250mA ISW, Constant Off-Time, High
Efficiency Step-Up DC/DC Converter with Integrated Schottky Diodes
VIN: 2.3V to 15V, VOUT(MAX) = ±40V, IQ = 40μA, ISD < 1μA,
3mm × 3mm DFN-10 Package
LT3465/
LT3465A
Constant-Current, 1.2MHz/2.7MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN: 2.7V to 16V, VOUT(MAX) = 34V, IQ = 1.9mA, ISD < 1μA,
ThinSOT
TM Package
LT3466/
LT3466-1
Dual Constant-Current, 2MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN: 2.7V to 24V, VOUT(MAX) = 40V, IQ = 5mA, ISD < 16μA,
3mm × 3mm DFN-10 Package
LT3474
36V, 1A (ILED), 2MHz, Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, 400:1 True Color PWM
TM,
ISD < 1μA, TSSOP-16E Package
LT3475
Dual 1.5A (ILED), 36V, 2MHz, Step-Down LED Driver
VIN: 4V to 36V, VOUT(MAX) = 13.5V, 3000:1 True Color PWM,
ISD < 1μA, TSSOP-20E Package
LT3476
Quad Output 1.5A, 2MHz High Current LED Driver with 1000:1
Dimming
VIN: 2.8V to 16V, VOUT(MAX) = 36V, 1000:1 True Color PWM,
ISD < 10μA, 5mm × 7mm QFN-10 Package
LT3486
Dual 1.3A , 2MHz High Current LED Driver
VIN: 2.5V to 24V, VOUT(MAX) = 36V, 1000:1 True Color PWM,
ISD < 1μA, 5mm × 3mm DFN and TSSOP-16E Packages
LT3491
Constant-Current, 2.3MHz, High Efficiency White LED Boost
Regulator with Integrated Schottky Diode
VIN: 2.5V to 12V, VOUT(MAX) = 27V, IQ = 2.6mA, ISD < 8μA,
2mm × 2mm DFN-6 and SC70 Packages
LT3497
Dual 2.3MHz, Full Function LED Driver with Integrated Schottky
Diodes and 250:1 True Color PWM Dimming
VIN: 2.5V to 10V, VOUT(MAX) = 32V, IQ = 6μA, ISD < 12μA,
3mm × 2mm DFN-10 Package
LT3498
2.3MHz, 20mA LED Driver and OLED Driver with Integrated Schottky
Diodes
VIN: 2.5V to 12V, VOUT(MAX) = 32V, IQ = 1.65mA, ISD < 9μA,
3mm × 2mm DFN-12 Package
LT3517/LT3518
2.3A/1.3A 45V, 2.5MHz Full Featured LED Driver with True Color
PWM Dimming
VIN: 3V to 30V/40V, VOUT(MAX) = 42V, 3000:1 True Color PWM,
ISD < 5μA, 4mm × 4mm QFN-16 Package
LT3590
48V Buck Mode LED Driver
VIN: 4.5V to 55V, VOUT(MAX) = 5V, IQ = 700μA, ISD < 15μA,
2mm × 2mm DFN-16 and SC70 Packages
LT3591
Constant-Current, 1MHz, High Efficiency White LED Boost Regulator
with Integrated Schottky Diode and 80:1 True Color PWM Dimming
VIN: 2.5V to 12V, VOUT(MAX) = 40V, IQ = 4mA, ISD < 9μA,
3mm × 2mm DFN-8 Package
True Color PWM and ThinSOT are trademarks of Linear Technology Corporation.
5000:1 PWM Dimming at 100Hz
16-Channel LED Driver (Three LEDs per Channel), 20mA Current
VIN
15V TO
45V
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
10
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
0.47
μF
3595 TA03
L1
SW1
SW2
L4
SW3
SW7
L3
SW4
L5
L6
SW5
SW6
L2
L7
SW8
L8
L16 SW16
SW15 VIN
L13
SW14
VIN SW10
L14
SW13
L12
L11
SW12
SW11
L15
L10
SW9
L9
LT3595
LED
BRIGHTNESS
CONTROL
3V TO
5.5V
VCC
10
μF
100k
OPENLED
PWM1
PWM2
PWM3
PWM4
PWM5
PWM6
PWM7
PWM8
VCC
PWM9
PWM10
PWM11
PWM12
PWM13
PWM14
PWM15
PWM16
GND
RSET
LED
BRIGHT-
NESS
CONTROL
SHDN
400ns/DIV
ILED
10mA/DIV
ISW
20mA/DIV
VPWM
5V/DIV
3595 TA03b
VIN = 15V
3 LEDS AT 20mA
T = 10ms
TON = 2μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com