Electronic Components Datasheet Search
  English  ▼

X  

LT3595 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 5 Page - Linear Technology

  LT3595 Datasheet HTML 1Page - Linear Technology LT3595 Datasheet HTML 2Page - Linear Technology LT3595 Datasheet HTML 3Page - Linear Technology LT3595 Datasheet HTML 4Page - Linear Technology LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT3595
5
3595f
Current Limit vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Temperature
Schottky Leakage Current
vs Temperature
Switch Saturation Voltage
(VCESAT)
Schottky Forward Voltage Drop
Transient Response
⎯O⎯P⎯E⎯N⎯L⎯E⎯D Waveforms
TEMPERATURE (
°C)
–50
130
140
150
25
75
120
110
–25
0
50
100
125
100
90
3595 G09
TEMPERATURE (
°C)
–50
2.0
2.2
2.1
2.3
2.4
25
75
1.9
1.8
–25
0
50
100
125
1.7
1.6
3595 G10
TEMPERATURE (
°C)
–50
0.8
1.0
1.4
25
75
0.6
0.4
–25
0
50
100
125
0.2
0
1.2
3595 G11
VIN = 45V
VIN = 24V
VIN = 4.5V
SWITCH CURRENT (mA)
0
500
600
700
80
400
300
20
40
60
100
200
100
0
T = 125
°C
T = –40
°C
T = 25
°C
SCHOTTKY FORWARD DROP (V)
0
60
80
100
0.8
40
20
0
0.2
0.4
0.6
1
3595 G13
T = 125
°C
T = – 40
°C
T = 25
°C
100
μs/DIV
VSW
50V/DIV
ISW
50mA/DIV
ILED
20mA/DIV
3595 G14
VIN = 45V
10 LEDS AT 20mA
VSHDN
5V/DIV
20
μs/DIV
VSW
CH 1
50V/DIV
ILED
CH 2
20mA/DIV
ILED
CH 1
20mA/DIV
3595 G15
OPENLED
5V/DIV
VIN = 45V
10 LEDS AT 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com