Electronic Components Datasheet Search
  English  ▼

X  

UPD6465 Datasheet(PDF) 25 Page - NEC

Part # UPD6465
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465 Datasheet(HTML) 25 Page - NEC

Back Button UPD6465 Datasheet HTML 21Page - NEC UPD6465 Datasheet HTML 22Page - NEC UPD6465 Datasheet HTML 23Page - NEC UPD6465 Datasheet HTML 24Page - NEC UPD6465 Datasheet HTML 25Page - NEC UPD6465 Datasheet HTML 26Page - NEC UPD6465 Datasheet HTML 27Page - NEC UPD6465 Datasheet HTML 28Page - NEC UPD6465 Datasheet HTML 29Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
µPD6464A,6465
25
3.5
BUSY Period for Command Input
The BUSY period for command input is distinguished depending on whether a 1-byte, 2-byte, or 2-byte
contiguous command is used.
When inputting 2-byte contiguous command, there are two timings as shown below, (1) Not transferring 2-
byte contiguous command in Vsync period with detecting Vsync and (2) Transferring 2-byte contiguous
command in Vsync period without detecting Vsync.
When inputting commands in succession, observe the following timing:
3.5.1 When inputting 1-byte or 2-byte command
TB1
CLK
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Command continuous
TB1
1-byte or 2-byte command
2.0
µs
input enable time 1
3.5.2 When inputting 2-byte contiguous command
(1) Not transferring 2-byte contiguous command in Vsync period with detecting Vsync (command continuous input
enable time 2 = TB2)
CLK
TB1'
TB2
Parameter
Symbol
Condition
MIN.
TYP. MAX. Unit
Command continuous
TB2
2-byte contiguous command
Display ON TB1’ + (21/fOSC)
× S1 + THWL1
µs
input enable time 2
(= video RAM write command)
Display OFF
TB1’ + (21/fOSC)
× S1
Remark
fOSC
: clock frequency of LC oscillation
S1
: character size
THWL1 : Hsync width
TB1’
≥ 2.0
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com