Electronic Components Datasheet Search
  English  ▼

X  

UPD6465 Datasheet(PDF) 30 Page - NEC

Part # UPD6465
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465 Datasheet(HTML) 30 Page - NEC

Back Button UPD6465 Datasheet HTML 26Page - NEC UPD6465 Datasheet HTML 27Page - NEC UPD6465 Datasheet HTML 28Page - NEC UPD6465 Datasheet HTML 29Page - NEC UPD6465 Datasheet HTML 30Page - NEC UPD6465 Datasheet HTML 31Page - NEC UPD6465 Datasheet HTML 32Page - NEC UPD6465 Datasheet HTML 33Page - NEC UPD6465 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
µPD6464A,6465
30
5. COMPOSITE SYNC. SIGNAL SEPARATION CIRCUIT
An example of composite sync. signal separation circuit is shown in Figure 5-1.
Figure 5-1. Composite Sync. Signal Separation Circuit
(a) Example of Composite Sync. Signal Separation Circuit
R1 = 5.1 k
Ω, R2 = 1.2 kΩ, R3 = 1 kΩ, R4 = 220 Ω, R5 = 100 kΩ, R6 = 10 kΩ, R7 = 1 kΩ, R8 = 2.2 kΩ,
R9 = 10 k
Ω, C1 = 10
µF, C2 = 1 µF, C3 = 1000 pF
(b) Image of sync. signal separation waveform
The slice level (VS) of Figure 5-1 (a) is defined as follows.
VS = 2.7
×
R5 × T2 = 74 mV
R4
T1
.
.
R1
R3
R5
R2
Q1
a
b
+
+
C1
C2
Composite video signal
(2 Vp-p)
VC
c
Isp
IX
R4
R8
R9
C3
Q2
R6
R7
Q3
VDD = 5 V
Composite sync. signal
(sync. positive)
0.7 VDD (MIN.)
0.3 VDD (MAX.)
Input to pin 17
T1
T2
T1 = 4.7 s
T2 = 58.86 s
VC2
∆VC
VC3
VC1
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com