Electronic Components Datasheet Search
  English  ▼

X  

UPD6465 Datasheet(PDF) 9 Page - NEC

Part # UPD6465
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465 Datasheet(HTML) 9 Page - NEC

Back Button UPD6465 Datasheet HTML 5Page - NEC UPD6465 Datasheet HTML 6Page - NEC UPD6465 Datasheet HTML 7Page - NEC UPD6465 Datasheet HTML 8Page - NEC UPD6465 Datasheet HTML 9Page - NEC UPD6465 Datasheet HTML 10Page - NEC UPD6465 Datasheet HTML 11Page - NEC UPD6465 Datasheet HTML 12Page - NEC UPD6465 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
µPD6464A,6465
9
2.2
Display Control Command
This command turns ON/OFF the display and controls LC oscillation and blinking of characters.
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
D0
LC
BL1
BL0
Blinking control bits
BL1
BL0
00
01
11
Function
Blinking OFF
Blinking frequency: about 2 Hz
Blinking frequency: about 0.5 Hz
Display ON/OFF control bit
D0
0
1
Function
Display OFF
Display ON
LC oscillation control bit
LC
0
1
Function
LC oscillation OFF
LC oscillation ON
10
Blinking frequency: about 1 Hz
•
Blinking control bits
These bits blink the character that is specified by the display character control command.
The blinking ratio is 1:1, and three blinking frequencies can be selected.
Blinking in character units can be specified by the display character control command.
•
LC oscillation control bit
This bit controls LC oscillation and can turn ON/OFF the oscillation circuit. While no character is displayed,
oscillation can be stopped to reduce the power dissipation.
Data cannot be written to the video RAM with oscillation stopped. To write data to the video RAM, be sure to turn
ON oscillation.
Remark
Oscillation is synchronized with Hsync when display is ON and LC oscillation is ON, and oscillation
is stopped while Hsync is low. When display is OFF and LC oscillation is ON, oscillation is performed,
regardless of the level of Hsync.
•
Display ON/OFF control bit
This bit turns ON/OFF the display output. The display is turned ON/OFF in synchronization with the fall of Hsync.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com