Electronic Components Datasheet Search
  English  ▼

X  

UPD6465 Datasheet(PDF) 32 Page - NEC

Part # UPD6465
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465 Datasheet(HTML) 32 Page - NEC

Back Button UPD6465 Datasheet HTML 28Page - NEC UPD6465 Datasheet HTML 29Page - NEC UPD6465 Datasheet HTML 30Page - NEC UPD6465 Datasheet HTML 31Page - NEC UPD6465 Datasheet HTML 32Page - NEC UPD6465 Datasheet HTML 33Page - NEC UPD6465 Datasheet HTML 34Page - NEC UPD6465 Datasheet HTML 35Page - NEC UPD6465 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
µPD6464A,6465
32
6.
CHARACTER PATTERN DATA
The only difference between the
µPD6464ACS-001 and µPD6464AGT-101 is the package. The character
patterns in the character ROMs of both the models are the same. The same applies to the
µPD6465CS-001
and the
µPD6465GT-101. Both the µPD6464ACS-001 and µPD6464AGT-101 can display 128 types of
alphanumeric characters and character patterns such as Kanji, Hiragana, and Katakana. The
µPD6465CS-001
and
µPD6465GT-101 can display 256 types of them.
The contents of the character ROM (character design) can be changed by mask code option. However, the
characters at addresses 7EH and 7FH (
µPD6464A)/FEH and FFH (µPD6465) are fixed to [Display Off Data] and
[2-byte contiguous command end code], respectively, and no character patterns can be set to these addresses.
Although 10H (
µPD6464A)/6FH (µPD6465) (Blank Data) and 7EH (µPD6464A)/FEH (µPD6465) (Display Off
Data) of the NEC’s standard model are represented in the same manner in the page showing the character
patterns (i.e., these are shown as characters without dots), they have the following differences:
Display of Part to Which Character Is Written in Each Mode
Background
Video Signal Mode
External video signal
mode
Internal video signal
mode
Character CodeNote
Blank Data
Display Off Data
Blank Data
Display Off Data
No background
Displays external
video signal
Displays internal video
signal color
Black-on-white
Displays background
Displays external
video signal (without
background)
Displays background
Displays internal video
signal color
Black filling
Displays background
Displays external
video signal (without
background)
Displays background
Displays internal video
signal color
You cannot specify Display Off Data for addresses other than 7EH (
µPD6464A)/FEH (µPD6465) when using
a mask option.
Blank Data, however, can be specified at any address from 00H to 7DH (
µPD6464A)/FDH
(
µPD6465) (address 7FH (µPD6464A)/FFH (µPD6465) cannot be used because it contains the end code for
second-byte continuous input).
The character patterns of the
µPD6464ACS-001 and GT-101/µPD6465CS-001 and GT-101 (NEC’s standard
models) are shown on the following pages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com