Electronic Components Datasheet Search
  English  ▼

X  

UPD6465 Datasheet(PDF) 33 Page - NEC

Part # UPD6465
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465 Datasheet(HTML) 33 Page - NEC

Back Button UPD6465 Datasheet HTML 29Page - NEC UPD6465 Datasheet HTML 30Page - NEC UPD6465 Datasheet HTML 31Page - NEC UPD6465 Datasheet HTML 32Page - NEC UPD6465 Datasheet HTML 33Page - NEC UPD6465 Datasheet HTML 34Page - NEC UPD6465 Datasheet HTML 35Page - NEC UPD6465 Datasheet HTML 36Page - NEC UPD6465 Datasheet HTML 37Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
µPD6464A,6465
33
6.1
Standard Character Patterns of the
µPD6464A
Note
Blank Data
00 H
01 H
02 H
03 H
04 H
05 H
06 H
07 H
08 H
09 H
0A H
0B H
0C H
0D H
0E H
0F H
10
11 H
12 H
13 H
14 H
15 H
16 H
17 H
18 H
19 H
1A H
1B H
1C H
1D H
1E H
1F
20 H
21 H
22 H
23 H
24 H
25 H
26 H
27 H
28 H
29 H
2A H
2B H
2C H
2D H
2E H
2F H
H
Note
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com