Electronic Components Datasheet Search
  English  ▼

X  

UPD6465 Datasheet(PDF) 45 Page - NEC

Part # UPD6465
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465 Datasheet(HTML) 45 Page - NEC

Back Button UPD6465 Datasheet HTML 41Page - NEC UPD6465 Datasheet HTML 42Page - NEC UPD6465 Datasheet HTML 43Page - NEC UPD6465 Datasheet HTML 44Page - NEC UPD6465 Datasheet HTML 45Page - NEC UPD6465 Datasheet HTML 46Page - NEC UPD6465 Datasheet HTML 47Page - NEC UPD6465 Datasheet HTML 48Page - NEC UPD6465 Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
µPD6464A,6465
45
Recommended Operation Timing (TA = –20 to +75 ˚C, VDD = 4.5 to 5.5 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Setup time
tSET
200
ns
Hold time
tHOLD
200
ns
Minimum clock low-level width
tCKL
400
ns
Minimum clock high-level width
tCKH
400
ns
Clock cycle
tTCK
1.0
µs
CS setup time
tCSS
400
ns
CS hold time
tCSH
400
ns
CLK slew rate
tCSR
100
ns
DATA
CLK
CS
tSET
tHOLD
tCSS
tCKL
tCKH
tTCK
tCSH
90 %
10 %
90 %
90 %
10 %
tCSR
Power-ON Clear Specification
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
PCL pin low-level hold period
tPCLL
10
µs
VDD
PCL
0 V
0 V
0.9 VDD
VDD
0.1 VDD
tPCLL
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com