Electronic Components Datasheet Search
  English  ▼

X  

UPD6465 Datasheet(PDF) 22 Page - NEC

Part # UPD6465
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465 Datasheet(HTML) 22 Page - NEC

Back Button UPD6465 Datasheet HTML 18Page - NEC UPD6465 Datasheet HTML 19Page - NEC UPD6465 Datasheet HTML 20Page - NEC UPD6465 Datasheet HTML 21Page - NEC UPD6465 Datasheet HTML 22Page - NEC UPD6465 Datasheet HTML 23Page - NEC UPD6465 Datasheet HTML 24Page - NEC UPD6465 Datasheet HTML 25Page - NEC UPD6465 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
µPD6464A,6465
22
2.12
Test Mode Command
This command is for testing the IC. Do not set this command.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
10110000
T7
T6
T5
T4
T3
T2
T1
T0
[Reference] Test mode clear command
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1011000000000000
2.13
Display Character Control Command (2-byte contiguous command)
This command specifies the character data and blinking data to be written to the video RAM.
When inputting this command, turn ON LC oscillation (if LC oscillation is turned OFF, no character can be
written to the video RAM).
Because this command is a 2-byte contiguous command, if character data are successively written without
the blinking data changed, the second character and those that follow can be abbreviated to the lower 8 bits
(D7 to D0). In this case, the write column address is automatically incremented (if a character is written to column
23 at the rightmost position, the next write address is automatically incremented to column 0 of the next line
(leftmost position)).
Notes 1. Fixed to "0" (
µPD6464A).
2. 7EH (
µPD6464A), FEH (µPD6465).
3. 7FH (
µPD6464A), FFH (µPD6465).
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
00
00
BL
0
C7
C6
C5
C4
C3
C2
C1
C0
Character specification bits
C6
C4
C3
C1
00
0
0
00
0
0
11
1
1
Function
Outputs data of 00H
Outputs data of 01H
Outputs data DISPLAY OFF
C0
0
1
0
C2
0
0
1
C5
0
0
1
11
1
1
End code of 2-byte contiguous
command
1
1
1
Blink control bit
BL
0
1
Function
Does not blink character
Blinks character
Column address
0
1
2
22
23
0
1
2
10
11
Line address
Line address incremented
Note 2
C7
0
0
1
1
Note 3
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com