Electronic Components Datasheet Search
  English  ▼

X  

AN2316 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2316
Description  Improved ST7LITE05 AC Chopper Driver Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2316 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2316 Datasheet HTML 3Page - STMicroelectronics AN2316 Datasheet HTML 4Page - STMicroelectronics AN2316 Datasheet HTML 5Page - STMicroelectronics AN2316 Datasheet HTML 6Page - STMicroelectronics AN2316 Datasheet HTML 7Page - STMicroelectronics AN2316 Datasheet HTML 8Page - STMicroelectronics AN2316 Datasheet HTML 9Page - STMicroelectronics AN2316 Datasheet HTML 10Page - STMicroelectronics AN2316 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AN2316 - Application Note
STEVAL-IHM006V1 Circuit Description
7/24
In order to avoid short-circuiting the mains through switches Z1 and Z2, they must work in a
complementary manner. When Z1 is ON, Z2 must be OFF and vice-versa.
For example, if the line voltage at J1 is positive with respect to J2, and the PWM signal goes
from high-to-low, Z2 switches ON with a delay inserted by its own gate capacitance and by
resistor R3 so the load is energized. In the meantime, Z1 switches OFF instantaneously.
Note:
In this condition, if the current is positive (i.e. it goes into J1 and comes out from J2), it will
flow through D4, Z2, D7, and the load. Conversely, if the current is negative, it will be going
out from J1 and closing through the load, D3, Z2, and D8.
As is the case with the current, when the PWM goes from low-to-high, Z2 is turned OFF
instantaneously, while Z1 is switched ON with a delay. This enables a freewheeling current
to flow through Z1.
Given these relationships, if “
δ” is the duty cycle (see Figure 2 on page 8), the load voltage
is may be expressed as:
Equation 3
where,
VLOAD = Load voltage,
VAC = Mains voltage, and
VMAX = Maximum sinusoidal voltage.
The load current may be expressed as:
Equation 4
where,
ILOAD = Load current,
IAC = Input current,
IMAX = Maximum current value, and
ϕ = the angle between the current and voltage.
V
LO AD t
()
δ V
AC t
()
⋅δ V
MAX
ωt
()
sin
⋅⋅
=
=
I
LOAD t
()
1
δ
--- I
AC
⋅
t
()
1
δ
--- I
MAX
ωt ϕ
+
()
sin
⋅⋅
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com