Electronic Components Datasheet Search
  English  ▼

X  

AN2316 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2316
Description  Improved ST7LITE05 AC Chopper Driver Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2316 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2316 Datasheet HTML 7Page - STMicroelectronics AN2316 Datasheet HTML 8Page - STMicroelectronics AN2316 Datasheet HTML 9Page - STMicroelectronics AN2316 Datasheet HTML 10Page - STMicroelectronics AN2316 Datasheet HTML 11Page - STMicroelectronics AN2316 Datasheet HTML 12Page - STMicroelectronics AN2316 Datasheet HTML 13Page - STMicroelectronics AN2316 Datasheet HTML 14Page - STMicroelectronics AN2316 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AN2316 - Application Note
EMC Precompliance Measurement
11/24
2.1
Electrical Conditions
●
VINPUT = 230VAC
●
Motor type = Asynchronous with capacitor
●
Motor voltage = 230VAC
●
Motor current =1.5A
The on-board EMC filter is not optimized for every kind of load, so users need to consider
that the included filter might be inadequate for certain applications.
A double-filter stage (see
Figure 5) is required to obtain good EMC results (acceptable EMC
level) without the included filter (T2, C16, and C17), use the recommended filter mentioned
in
Figure 5. The measured results are shown in Figure 6 and Figure 7 on page 12.
Note:
In order for the filter to be effective, the motor case must be connected to the earth-ground.
Figure 5.
EMC Double-Filter Stage Schematic
2.2
EMC Double-Filter Bill of Materials
C1 = 0.47µF 230VAC X2
C2 = C3 = 2.2nF 230VAC Y2
T1 = 10mH common mode filter (to be designed in terms of current, depending on the final
load to be driven). For this application, the type used is TDK 103Y1R2X3X.
T2 = 111µH common mode filter (to be designed in terms of current, depending on the final
load to be driven).
Mains
Mains
EARTH GROUND
P
N
T1
Common mode filter 10mH
1
5
4
8
T2
Common mode filter 111µH
1
5
4
8
C1
0.47µF 230VAC
X2
C2
2.2nF 400VAC
2.2nF 400VAC
Y2
C3
Y2
To the AC-Chopper
Circuit
AI12290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com