Electronic Components Datasheet Search
  English  ▼

X  

AN2316 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2316
Description  Improved ST7LITE05 AC Chopper Driver Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2316 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2316 Datasheet HTML 1Page - STMicroelectronics AN2316 Datasheet HTML 2Page - STMicroelectronics AN2316 Datasheet HTML 3Page - STMicroelectronics AN2316 Datasheet HTML 4Page - STMicroelectronics AN2316 Datasheet HTML 5Page - STMicroelectronics AN2316 Datasheet HTML 6Page - STMicroelectronics AN2316 Datasheet HTML 7Page - STMicroelectronics AN2316 Datasheet HTML 8Page - STMicroelectronics AN2316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
March 2006
Rev 1
1/24
AN2316
Application Note
Improved ST7LITE05 AC Chopper Driver Solution
Introduction
This application note presents an AC motor or load circuital solution improvement of
efficiency over the one discussed in a previously published application note, AN1255.
Above all, this solution does not have limits on where it may be applied, embracing all types
of AC asynchronous monophase motor applications (e.g. refrigerators, hydraulic pumps,
fans, and lamps).
Due to the increasing electric pollution of the environment, European standards impose
restrictions on Electromagnetic Compatibility (EMC). The proliferation of non-linear loads
and the consequential increase in harmonics pollution in power distribution lines have
induced various technical committees to establish maximum limits on the harmonic content
produced by all industrial and domestic devices. Manufacturers of these devices are
required to conform to this new standard and develop products which function with new
operational characteristics.
The most common method used to vary the AC monophase motor voltage is a TRIAC-
based phase angle partialization technique. Although this is a simple, low-cost solution that
has been used for several years, it is problematic because of the excessive harmonic
distortion which reduces the efficiency of the entire system. These systems typically include
a complex inverter drive which is quite expensive, and, while they can solve the load’s
harmonic content problems, they do not address those same problems in the electric lines.
www.st.com


Similar Part No. - AN2316

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2317 STMICROELECTRONICS-AN2317 Datasheet
263Kb / 27P
Energy Metering IC External Circuits
14-Apr-2006
AN2319 STMICROELECTRONICS-AN2319 Datasheet
70Kb / 8P
Using the 64-bit UID in contactless RFID applications
20-Jan-2009
logo
List of Unclassifed Man...
AN231E04 ETC2-AN231E04 Datasheet
438Kb / 24P
Dynamically Reconfigurable dpASP
AN231E04-E2-QFNSP ETC2-AN231E04-E2-QFNSP Datasheet
438Kb / 24P
Dynamically Reconfigurable dpASP
AN231E04-E2-QFNTR ETC2-AN231E04-E2-QFNTR Datasheet
438Kb / 24P
Dynamically Reconfigurable dpASP
More results

Similar Description - AN2316

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CVA2415TZ CALOGIC-CVA2415TZ Datasheet
48Kb / 4P
Improved Triple 75MHz CRT Driver
CVA2417TX CALOGIC-CVA2417TX Datasheet
46Kb / 4P
Improved Triple 85MHz CRT Driver
logo
Semikron International
SKAI100E SEMIKRON-SKAI100E Datasheet
66Kb / 2P
Brake Chopper Driver
logo
Seoul Semiconductor
SMJC-XV08W2P4 SEOUL-SMJC-XV08W2P4 Datasheet
976Kb / 23P
Integrated AC LED Solution
SMJD-XV12W2P SEOUL-SMJD-XV12W2P Datasheet
1Mb / 26P
Integrated AC LED Solution
SMJD-XV16W2P SEOUL-SMJD-XV16W2P Datasheet
1Mb / 27P
Integrated AC LED Solution
SMJE-XV08W1P SEOUL-SMJE-XV08W1P Datasheet
1Mb / 26P
Integrated AC LED Solution
SMJD-XH16W4PX SEOUL-SMJD-XH16W4PX Datasheet
1Mb / 28P
Integrated AC LED Solution
SMJE-XD12W4PX SEOUL-SMJE-XD12W4PX Datasheet
1Mb / 25P
Integrated AC LED Solution
logo
STMicroelectronics
STEVAL-IHM006V1 STMICROELECTRONICS-STEVAL-IHM006V1 Datasheet
101Kb / 5P
AC/AC chopper driver
20-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com