Electronic Components Datasheet Search
  English  ▼

X  

AN2316 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2316
Description  Improved ST7LITE05 AC Chopper Driver Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2316 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2316 Datasheet HTML 10Page - STMicroelectronics AN2316 Datasheet HTML 11Page - STMicroelectronics AN2316 Datasheet HTML 12Page - STMicroelectronics AN2316 Datasheet HTML 13Page - STMicroelectronics AN2316 Datasheet HTML 14Page - STMicroelectronics AN2316 Datasheet HTML 15Page - STMicroelectronics AN2316 Datasheet HTML 16Page - STMicroelectronics AN2316 Datasheet HTML 17Page - STMicroelectronics AN2316 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Safety and Operating Instructions
AN2316 - Application Note
14/24
3.2
Environmental Considerations
The STEVAL-IHM006V1 AC chopper demo board must only be used in a power laboratory.
The high voltage used in any AC drive system presents a serious shock hazard. A complete
laboratory setup consists of:
●
an isolated AC power supply,
●
the STEVAL-IHM006V1 demo board,
●
an AC Induction motor, and
●
an isolated (laboratory) power supply for +15V (as needed).
The Kit is not electrically isolated from the AC input. The microprocessor is grounded
without insulation with respect to the mains so that it and the associated circuitry are hot.
They MUST therefore be isolated from user controls and serial interfaces.
Note:
Any measurement equipment must be isolated from the main power supply before powering
up the motor drive. To use an oscilloscope with the Kit, it is safer to isolate the AC supply
AND the oscilloscope. This prevents a shock occurring as a result of touching any SINGLE
point in the circuit, but does NOT prevent shocks when touching TWO or MORE points in
the circuit.
An isolated AC power supply can be constructed using an isolation transformer and a
variable transformer. A schematic of this AC power supply may be found in the Application
Note, “AN438, TRIAC + Microcontroller: Safety Precautions for Development Tools”.
(Although this Application Note was written for TRIACs, the isolation constraints still apply
for fast-switching semiconductor devices such as IGBTs).
Note:
Isolating the application rather than the oscilloscope is highly recommended in any case.
3.3
Mandatory Checks Before Operation
The following verifications must be performed before operating the demo board:
●
The motor load is connected and earth-grounded,
●
there is no metal part on, below, or around the PC boards, and there are no unintended
earth/ground loops caused by peripheral (e.g. test) equipment (e.g. PC or
oscilloscope), and
●
the motor and mechanical load are safely housed so that rotating parts cannot be
inadvertently accessed and cause injury (e.g., loose clothing, long hair).
Warning:
The high voltage levels used to operate the motor drive could
present a serious electrical shock hazard. This demo board
must be used only in a power laboratory only by engineers
and technicians who are experienced in power electronics
technology.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com