Electronic Components Datasheet Search
  English  ▼

X  

AN2316 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2316
Description  Improved ST7LITE05 AC Chopper Driver Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2316 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2316 Datasheet HTML 14Page - STMicroelectronics AN2316 Datasheet HTML 15Page - STMicroelectronics AN2316 Datasheet HTML 16Page - STMicroelectronics AN2316 Datasheet HTML 17Page - STMicroelectronics AN2316 Datasheet HTML 18Page - STMicroelectronics AN2316 Datasheet HTML 19Page - STMicroelectronics AN2316 Datasheet HTML 20Page - STMicroelectronics AN2316 Datasheet HTML 21Page - STMicroelectronics AN2316 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ST7FLITE05 Software Description
AN2316 - Application Note
18/24
4.2
Firmware Configuration
The user-modifiable parameters are defined in “Param.h” header file, particularly:
4.2.1
Switching Frequency
#define PWM_FREQUENCY Fx0kHz
Use F20kHz, or F40kHz to set the respective 20kHz or 40kHz frequencies (see
Section 4.1.1 on page 17).
4.2.2
Maximum Duty Cycle
#define MAX_DUTY 90 //in percentage
Use the PWM frequency and the DCR register values to set the duty cycle (see
Section 4.1.2).
4.2.3
Minimum Duty Cycle
#define MIN_DUTY 10 //in percentage
Use the PWM frequency and the DCR register values to set the duty cycle (see
Section 4.1.2).
4.2.4
Hysteresis
#define HYSTERESIS 5 //in percentage
Use the PWM frequency and the DCR register values to set hysteresis (see
Section 4.1.2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com