Electronic Components Datasheet Search
  English  ▼

X  

AN2316 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2316
Description  Improved ST7LITE05 AC Chopper Driver Solution
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2316 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2316 Datasheet HTML 1Page - STMicroelectronics AN2316 Datasheet HTML 2Page - STMicroelectronics AN2316 Datasheet HTML 3Page - STMicroelectronics AN2316 Datasheet HTML 4Page - STMicroelectronics AN2316 Datasheet HTML 5Page - STMicroelectronics AN2316 Datasheet HTML 6Page - STMicroelectronics AN2316 Datasheet HTML 7Page - STMicroelectronics AN2316 Datasheet HTML 8Page - STMicroelectronics AN2316 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
STEVAL-IHM006V1 Circuit Description
AN2316 - Application Note
4/24
1
STEVAL-IHM006V1 Circuit Description
This ST-patented solution uses a working switch mode to solve third harmonic problems.
The base circuit can be viewed as a mains voltage double-chopper without any preliminary
AC/DC conversion type (see
Figure 1 on page 6).
Note:
The AC chopper STEVAL-IHM006V1 provides customers with a demo that regulates the
voltage in AC motors or loads of up to 300W. This allows the user to demonstrate smooth,
silent, and efficient regulation with respect to TRIAC solutions.
The double-chopper is a device which energizes the load beginning from any level of the
sinusoidal voltage wave and demagnetizes the load with a freewheeling current system,
thereby obtaining voltage and current regulation of the load.
Starting from a perfect sinusoidal-shaped mains curve, the regulated current is also
sinusoidal for all the power levels that the user desires to transfer to the load. By neglecting
the electronic device losses, the circuit incoming power S is equal to the outgoing power:
Equation 1
where,
VAC(RMS) = Root Mean Squared (RMS) Mains Voltage,
IAC(RMS) = RMS Input Current,
VLOAD(RMS) = RMS Load Voltage, and
ILOAD(RMS) = RMS Output Current.
The IAC(RMS) and ILOAD(RMS) currents are related as follows:
Equation 2
The circuit operates as a converter, particularly as an AC/AC converter or transformer. It has
no limitation in terms of load impedance since it works with both, inductive and ohmic loads,
with notable angles between the current and the voltage.
SV
AC R MS
() IAC RMS
()
⋅
V
LOAD R MS
()
=
I
LOAD R MS
()
⋅
=
I
LOAD R MS
()
I
AC R MS
()
---------------------------------------
V
AC R MS
()
V
LO AD RM S
()
------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com