Electronic Components Datasheet Search
  English  ▼

X  

AN2476 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 7Page - STMicroelectronics AN2476 Datasheet HTML 8Page - STMicroelectronics AN2476 Datasheet HTML 9Page - STMicroelectronics AN2476 Datasheet HTML 10Page - STMicroelectronics AN2476 Datasheet HTML 11Page - STMicroelectronics AN2476 Datasheet HTML 12Page - STMicroelectronics AN2476 Datasheet HTML 13Page - STMicroelectronics AN2476 Datasheet HTML 14Page - STMicroelectronics AN2476 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
AN2476
Power supply and clocks
11/49
1.7
Clocks
The Clock controller provides the internal clocks needed by the different parts of the MCU:
●
HCLK clocks all the peripherals mapped on the AHB bus
●
PCLK clocks all the peripherals mapped on the APB bus
●
CK_TIM clocks several timer counters independently from the APB clock
●
CK_USB clocks the USB interface kernel
1.7.1
Clock overview
Figure 7.
Clock overview
XT1
XT2
XRTC1
XRTC2
USB_CK
OSC4M
AHB & APB
~5 MHz
UP TO 64 MHz
48 MHz
4 MHz
NCKD FLAG
HCLK
PCLK
CK_TIM
UP TO 64 MHz
UP TO 32 MHz
UP TO 64 MHz
DIVIDERs
CK_USB
48 MHz
RTC
OSC32K
LPOSC
/128
32 kHz
ALARM
WAKEUP
CK_SYS
300 kHz
CLOCK
DETECTOR
PLL
FREEOSC
NCKD FLAG
0
1
DIV2
4/8MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com