Electronic Components Datasheet Search
  English  ▼

X  

AN2476 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 20Page - STMicroelectronics AN2476 Datasheet HTML 21Page - STMicroelectronics AN2476 Datasheet HTML 22Page - STMicroelectronics AN2476 Datasheet HTML 23Page - STMicroelectronics AN2476 Datasheet HTML 24Page - STMicroelectronics AN2476 Datasheet HTML 25Page - STMicroelectronics AN2476 Datasheet HTML 26Page - STMicroelectronics AN2476 Datasheet HTML 27Page - STMicroelectronics AN2476 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
Power supply and clocks
AN2476
24/49
The RTC can wake-up the MCU from STANDBY mode at each RTC alarm event,
independently from external interrupt line #15 (no need to configure it). Note that the RTC
Second or Overflow interrupts do not wake-up the MCU from STANDBY.
The condition which wakes-up the MCU from STANDBY is a rising edge of the output of an
OR gate between the P1.15 input pin and the RTC alarm event, see Figure 11: Internal
connections of the external interrupt line #15 on page 24.
Consequently, to wake-up from STANDBY by an RTC alarm, you must:
●
Apply low level to P1.15 pin.
●
Configure the RTC to generate the RTC alarm.
Figure 11.
Internal connections of the external interrupt line #15
Wake-up latency
The latency is the same as when resuming from reset.
I/O states in STANDBY mode
In STANDBY mode, all GPIOs are configured in high impedance except the WKP_STDBY
pin which is kept in input mode.
All other pins are disabled (XT1, XT2, XRTC1/2, USB, etc.) except the NRSTIN and
NRSTOUT pins which are still functional.
Debug mode
If using the debug features of the ARM7TDMI-S, and the current application puts the MCU
in STANDBY mode, the debug connection will be lost, because the ARM7TDMI-S core is no
longer powered.
RTC
powered in STANDBY
P1.15 (WKP_STDBY)
RTC_ALARM
CK_RTC
WKP_STDBY
EXTERNAL
INTERRUPT
CONTROLLER
LINE 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com