Electronic Components Datasheet Search
  English  ▼

X  

AN2476 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 14Page - STMicroelectronics AN2476 Datasheet HTML 15Page - STMicroelectronics AN2476 Datasheet HTML 16Page - STMicroelectronics AN2476 Datasheet HTML 17Page - STMicroelectronics AN2476 Datasheet HTML 18Page - STMicroelectronics AN2476 Datasheet HTML 19Page - STMicroelectronics AN2476 Datasheet HTML 20Page - STMicroelectronics AN2476 Datasheet HTML 21Page - STMicroelectronics AN2476 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Power supply and clocks
AN2476
18/49
Note:
This latency does not occur if the software fetches from SRAM when it restarts. Any access
to Flash will be performed correctly, but will result in wait states being inserted if the Flash is
not ready.
The Flash must be configured all the above control parameters, even if SRAM is used to
fetch parts of the software.
1.8.5
STOP mode
In this mode CK_SYS is stopped. This means that the CPU and all the peripherals clocked
by CK_SYS or derived clocks are disabled. As a result, the AHB and APB peripherals are
not clocked, so the digital part of the MCU consumes no power other than the leakage
current due to the process technology.
In STOP mode, all the registers and SRAM contents are preserved, the PLL and clock
configuration can remain unchanged.
STOP mode entry procedure
Use the following procedure to enter STOP mode:
1.
First select STOP Mode by programming the LPMC[1:0] bits in the MRCC_PWRCTRL
register.
2.
Program the LP_PARAM bits in the MRCC_PWRCTRL register to enable or disable
some peripherals in STOP mode
3.
Execute the Low Power Bit Writing Sequence as described in Section 1.8.1: Low power
bit writing sequence on page 14.
Table 2.
WFI mode functionality
Control
bits
Functionality in WFI mode
Wake-up
resources
Wake-
up
latency
due to:
Clock
config.
state after
wake-up
1
No
All
Main
VREG
On On
Off (in
non Burst
mode)
Yes
Yes if
enabled
All
No
Yes
Flash
Unchanged
Yes
Yes
0
No
On On
On
(enabled
or low
power
mode)
No
No
latency
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com