Electronic Components Datasheet Search
  English  ▼

X  

AN2476 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 23Page - STMicroelectronics AN2476 Datasheet HTML 24Page - STMicroelectronics AN2476 Datasheet HTML 25Page - STMicroelectronics AN2476 Datasheet HTML 26Page - STMicroelectronics AN2476 Datasheet HTML 27Page - STMicroelectronics AN2476 Datasheet HTML 28Page - STMicroelectronics AN2476 Datasheet HTML 29Page - STMicroelectronics AN2476 Datasheet HTML 30Page - STMicroelectronics AN2476 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
AN2476
STR750 library low power mode functions
27/49
Note:
When fetching from internal Flash the max System Cock (CK_SYS) frequency is 60MHz
(64MHz when fetching from SRAM).
The table below describes the allowed combination of MRCC_CKSYS and MRCC_PLL
parameters:
Note:
“x:” allowed combination
“-” : not allowed combination
Example:
/* Set CK_SYS to 60 MHz */
if(MRCC_CKSYSConfig(MRCC_CKSYS_OSC4MPLL, MRCC_PLL_Mul_15) == SUCCESS)
{
/* Place your code here */
}
else
{
/* Add here some code to deal with this error */
}
2.2
MRCC_HCLKConfig
MRCC_CKSYS
MRCC_CKSY
S_FREEOSC
MRCC_CKSY
S_OSC4M
MRCC_CKSY
S_OSC4MPLL
MRCC_CKSY
S_RTC
MRCC_PLL_Disabled
X
X
-
X
MRCC_PLL_NoChange
-
X
-
X
MRCC_PLL_Mul_12
-
-
X
-
MRCC_PLL_Mul_14
-
-
X
-
MRCC_PLL_Mul_15
-
-
X
-
MRCC_PLL_Mul_16
-
-
X
-
Function Name
MRCC_HCLKConfig
Function Prototype
void MRCC_HCLKConfig(u32 MRCC_HCLK)
Behavior Description
Configures the AHB clock (HCLK).
Input Parameter
MRCC_HCLK: defines the AHB clock. This clock is derived from the
system clock(CK_SYS).
Refer to section “MRCC_HCLK” for more details on the allowed values
of this parameter.
Output Parameter
None
Return Parameter
None
Required preconditions
None
Called functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com