Electronic Components Datasheet Search
  English  ▼

X  

AN2476 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 15Page - STMicroelectronics AN2476 Datasheet HTML 16Page - STMicroelectronics AN2476 Datasheet HTML 17Page - STMicroelectronics AN2476 Datasheet HTML 18Page - STMicroelectronics AN2476 Datasheet HTML 19Page - STMicroelectronics AN2476 Datasheet HTML 20Page - STMicroelectronics AN2476 Datasheet HTML 21Page - STMicroelectronics AN2476 Datasheet HTML 22Page - STMicroelectronics AN2476 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
AN2476
Power supply and clocks
19/49
This procedure is performed by the function of the library described in the Section 2.6:
MRCC_EnterSTOPMode on page 30
LP mode control parameters
To further reduce power consumption in STOP mode, additional parts of the MCU can be
disabled when entering STOP Mode. This can be configured by programming the
LP_PARAM[15:13] bits in the MRCC_PWRCTRL register:
●
OSC4M and PLL OFF (LP_PARAM15): This removes the power consumption of the
PLL and the OSC4M oscillator, however the clock configuration returns to its reset
state. So when resuming from Stop mode after a wake-up event, it is necessary to
manage the start-up time for oscillator stabilization and to re-enable the PLL.
●
FLASH OFF (LP_PARAM14): This saves the static power consumption of the Flash,
but some latency for Flash start-up is incurred when waking up from STOP mode.
●
MVREG OFF (LP_PARAM13): When this parameter is set, the LPVREG (Low Power
Voltage Regulator) powers the whole circuit, saving the static consumption of the
MVREG (Main Voltage Regulator). In addition, the OSC4M oscillator, PLL and Flash
are also switched off (all three LP_PARAM bits 13, 14 and 14 are set) because the Low
power regulator does not have enough power to drive them. When resuming from Stop
mode after a wake-up event, start-up latency is incurred.
Note:
1
When using the LP_PARAM15 bit to switch off OSC4M in STOP mode, it is recommended
to clear the NCKDF bit just before entering STOP mode. Otherwise, if NCKDF=1 when
entering STOP mode, OSC4M will not be disabled and will continue to use power.
2
If OSC4M is not used as the system clock source, it is strongly recommended to switch it off
by setting the OSC4MOFF bin STOP mode even if LP_PARAM 15 is set and NCKDF is
cleared as recommended in note 1 above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com