Electronic Components Datasheet Search
  English  ▼

X  

AN2476 Datasheet(PDF) 42 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 38Page - STMicroelectronics AN2476 Datasheet HTML 39Page - STMicroelectronics AN2476 Datasheet HTML 40Page - STMicroelectronics AN2476 Datasheet HTML 41Page - STMicroelectronics AN2476 Datasheet HTML 42Page - STMicroelectronics AN2476 Datasheet HTML 43Page - STMicroelectronics AN2476 Datasheet HTML 44Page - STMicroelectronics AN2476 Datasheet HTML 45Page - STMicroelectronics AN2476 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
Operating measurements
AN2476
42/49
d)
After the clock configuration (system clock set to 60 MHz), the P2.18 pin restarts
toggling and in 5 seconds the system enters STOP mode again before exiting in
the manner described above.
This behavior is repeated in an infinite loop.
●
If RTC is not on (by commenting the line #define RTC_ON in the 75x_conf.h file):
The EXTIT line7(P1.05) and EXTIT line15 ( WKP_STDBY pin P1.15) are configured to
generate interrupts on a rising edge.
An LED connected to P2.18 pin is switched on to indicate when the MCU is in RUN
mode.
The system enters STOP mode as follows:
a)
After system power on, an LED connected to P2.18 pin is switched on.
b)
When a falling edge is detected on EXTIT line7 the system enters STOP mode
causing the P2.18 pin to switch off the LED.
The system exits STOP mode as follows:
a)
To wake-up from STOP mode, either a rising edge can be applied on EXTIT
line15, EXTIT line7 or the 4MHz external Quartz oscillator can be disconnected.
b)
The LED connected to P0.16 is switched on and the VCO of the PLL (FREEOSC)
supplies the system clock.
c)
After the clock configuration (system clock set to 60 MHz), the LED connected to
P2.18 pin is switched on.
When the 4MHz external Quartz oscillator is disconnected, the VCO of the PLL (FREEOSC)
supplies the system clock. Once the 4MHz clock has recovered (by connecting the 4MHz
Quartz oscillator) the system clock is reconfigured to 60 MHz.
If the system fails to enter STOP mode, a led connected to P2.19 pin is turned on.
●
Directory contents:
–
75x_conf.h Library Configuration file
–
75x_it.c
Interrupt handlers
–
main.c
Main program
●
Hardware environment:
–
Connect three LEDS to P016, P2.18 and P2.19 pins (respectively LD3, LD4 and
LD5 on STR75x-EVAL board).
–
Connect a push-button to WKP_STDBY pin (P1.15) (the wakeup push-button on
STR75x-EVAL board).
–
Connect a push-button to EXTIT line7 pin (P1.05) (the key push-button on
STR75x-EVAL board).
–
On STR75x-EVAL board the 4MHz Quartz oscillator is mounted on socket so it is
easy to disconnect.
●
How to use it:
In order to make the program work, you must do the following :
a)
Create a project and setup all your toolchain's start-up files
b)
Compile the directory content files and required Library files :
75x_lib.c
75x_rtc.c
75x_gpio.c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com