Electronic Components Datasheet Search
  English  ▼

X  

AN2476 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 36Page - STMicroelectronics AN2476 Datasheet HTML 37Page - STMicroelectronics AN2476 Datasheet HTML 38Page - STMicroelectronics AN2476 Datasheet HTML 39Page - STMicroelectronics AN2476 Datasheet HTML 40Page - STMicroelectronics AN2476 Datasheet HTML 41Page - STMicroelectronics AN2476 Datasheet HTML 42Page - STMicroelectronics AN2476 Datasheet HTML 43Page - STMicroelectronics AN2476 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
Operating measurements
AN2476
40/49
the LED connected to P0.16 is switched on and the VCO of the PLL (FREEOSC)
supplies the system clock.
After The clock configuration (system clock set to 60 MHz), the P2.18 pin restarts
toggling.
●
If RTC ON is not set (by commenting the line #define RTC_ON in 75x_conf.h file):
An LED connected to P2.18 pin is on, to indicate the MCU is in RUN mode.
–
When a falling edge is detected on EXTIT line7, an interrupt is generated, the
system enters STANDBY mode causing the P2.18 pin to switch off.
–
A rising edge on WKP_STDBY pin or an external RESET will wake-up the system
from STANDBY. Then the LED connected to P0.16 is switched on and the VCO of
the PLL(FREEOSC) supplies the system clock.
After The clock configuration (system clock set to 60 MHz), the P2.18 pin is switched
on.
●
Directory contents:
–
75x_conf.h : Library Configuration file
–
75x_it.c : Interrupt handlers
–
main.c : Main program
●
Hardware environment:
–
Connect an LED to pin P0.16 (LD3 on STR75x-EVAL board).
–
Connect an LED to pin P2.18 (LD4 on STR75x-EVAL board).
–
Connect a push-button to the WKP_STDBY pin (P1.15) (the wake-up push-button
on the STR75x-EVAL board).
–
Connect a push-button to EXTIT line7 pin (P1.05) (the key push-button on the
STR75x-EVAL board)
●
How to use it:
In order to make the program work, you must do the following :
a)
Create a project and setup all your toolchain's start-up files
b)
Compile the directory content files and required Library files :
75x_lib.c
75x_rtc.c
75x_gpio.c
75x_mrcc.c
75x_eic.c
75x_extit.c
75x_cfg.c
c)
Link all compiled files and load your image into Flash
d)
Run the example
Note:
If the line #Define RTC_ON is modified through commenting or uncommenting in the file
75x_conf.h, the project must be rebuilt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com