| Electronic Components Datasheet Search |
|
UPD6465CS Datasheet(PDF) 24 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6465CS Datasheet(HTML) 24 Page - NEC |
|
24 / 52 page ![]() µPD6464A,6465 24 3.4 Successive Command Input Transfer each of the 1-byte, 2-byte, and 2-byte contiguous commands from a microcomputer to the µPD6464A, 6465 as described below. When transferring a 1-byte command, 2-byte command, or a 2-byte contiguous command with the blink data changed after a 2-byte contiguous command has been transferred, either make CS high once, or transfer end code of the 2-byte contiguous commandNote at the end of the 2-byte contiguous command. In the latter case, CS needs not to be made high. Note 7FH ( µPD6464A), FFH (µPD6465) 3.4.1 When 2-byte contiguous command end code is not used Example 1-byte command → 2-byte contiguous command → 1-byte command CS must be made high once. 1-byte command 1st byte 1-byte command 2nd byte normal character Note 2nd byte normal character Note D7 - D0 D15 - D8 D7 - D0 D7 - D0 D7 - D0 DATA CLK CS 2-byte contiguous command Note 00H-7EH ( µPD6464A), 00H-FEH (µPD6465) 3.4.2 When 2-byte contiguous command end code is used Example 1-byte command → 2-byte contiguous command → 1-byte command CS needs not to be made high. 1-byte command 1st byte 1-byte command 2nd byte normal character Note 1 2nd byte 2-byte contiguous command end code Note 2 D7 - D0 D15 - D8 D7 - D0 D7 - D0 D7 - D0 DATA CLK CS 2-byte contiguous command Notes 1. 00H-7EH ( µPD6464A), 00H-FEH (µPD6465) 2. 7FH ( µPD6464A), FFH (µPD6465) Remark Although the CS pin can remain low when the end code of the 2-byte contiguous command is used, making this pin high is recommended as a countermeasures against noise. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |