Electronic Components Datasheet Search
  English  ▼

X  

UPD6465CS Datasheet(PDF) 29 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 29 Page - NEC

Back Button UPD6465CS Datasheet HTML 25Page - NEC UPD6465CS Datasheet HTML 26Page - NEC UPD6465CS Datasheet HTML 27Page - NEC UPD6465CS Datasheet HTML 28Page - NEC UPD6465CS Datasheet HTML 29Page - NEC UPD6465CS Datasheet HTML 30Page - NEC UPD6465CS Datasheet HTML 31Page - NEC UPD6465CS Datasheet HTML 32Page - NEC UPD6465CS Datasheet HTML 33Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
µPD6464A,6465
29
VSYT and VPED levels of composite video signal
VPED
VSYT
GND
Match the level output from the VBSI pin in the external video signal mode with the level output from the same
pin in the internal video signal mode.
Input level in external video signal mode (when video signal of 1 Vp-p is input)
5 V
RVCNT
VCNT
VBSI
VBSO
Voltage applied to VCNT pin by RVCNT = 2.5 V
VSYT = 1.0 V clamp input
To input an external video signal with an amplitude of 2 Vp-p, input a 1.0-V clamp signal to VSYT, apply 5.0 V to the
VCNT pin, and set the amplitude of 2 Vp-p by using the “output level control command”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com