Electronic Components Datasheet Search
  English  ▼

X  

UPD6465CS Datasheet(PDF) 31 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 31 Page - NEC

Back Button UPD6465CS Datasheet HTML 27Page - NEC UPD6465CS Datasheet HTML 28Page - NEC UPD6465CS Datasheet HTML 29Page - NEC UPD6465CS Datasheet HTML 30Page - NEC UPD6465CS Datasheet HTML 31Page - NEC UPD6465CS Datasheet HTML 32Page - NEC UPD6465CS Datasheet HTML 33Page - NEC UPD6465CS Datasheet HTML 34Page - NEC UPD6465CS Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
µPD6464A,6465
31
When VS is small, it is suited for horizontal sync. separation, but is against to vertical sync. separation. And
when VS is large, edge noise of horizontal sync. separation causes a synchronization error (jitter). Therefore,
the constant of each element in the circuit should be optimized according to input signal’s characteristics.
The C2 capacitance should be specified as a sufficient larger value compared to charge/discharge current.
If the value overly exceeds the suitable value, however, excessive response characteristics will be inferior,
falling to trace rapid average-picture-level (APL) fluctuation of input signal. In the circuit shown in Figure 5-1
(a), a capacitor is connected to the composite video signal input portion for measurement. However, this makes
it hard to trace APL fluctuation. Therefore, in designing an actual circuit, insert a sync-chip clamp in front of
Q1 in Figure 5-1 (a). to stabilizes the potential of a synchronization signal, for tracing APL fluctuation.
Caution
In the circuit of Figure 5-1 (a), the width of the Hsync synchronization signal that is included in
the composite synchronization signal after separation may be wider than that of the Hsync
synchronization signal that is included in the input video signal, because of its circuit configuration.
Therefore, the width of the Hsync synchronization signal during a command continuous input
enable time (refer to 3.5 BUSY Period for Command Input) should be the same as that of the Hsync
synchronization signal included in Csync after separation in the circuit of Figure 5-1 (a).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com