Electronic Components Datasheet Search
  English  ▼

X  

UPD6465CS Datasheet(PDF) 42 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 42 Page - NEC

Back Button UPD6465CS Datasheet HTML 38Page - NEC UPD6465CS Datasheet HTML 39Page - NEC UPD6465CS Datasheet HTML 40Page - NEC UPD6465CS Datasheet HTML 41Page - NEC UPD6465CS Datasheet HTML 42Page - NEC UPD6465CS Datasheet HTML 43Page - NEC UPD6465CS Datasheet HTML 44Page - NEC UPD6465CS Datasheet HTML 45Page - NEC UPD6465CS Datasheet HTML 46Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
µPD6464A,6465
42
7.
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Parameter
Symbol
µPD6464ACS, 6465CS µPD6464AGT, 6465GT
Unit
Supply voltage
VDD
7V
Input pin voltage
VIN
–0.3 to VDD +0.3
V
Output pin voltage
VOUT
–0.3 to VDD +0.3
V
Permissible package power
PD
470
320
mW
dissipation (TA = 75
°C)
Operating ambient temperature
TA
–20 to +75
°C
Storage temperature
Tstg
–40 to +125
°C
Output current
IO
±5mA
Caution
Exposure to Absolute Maximum Ratings for extended periods may affect device reliability;
exceeding the ratings could cause permanent damage. The parameters apply independently.
The device should be operated within the limits specified under DC and AC Characteristics.
Recommended Operating Conditions
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Supply voltage
VDD
4.5
5.0
5.5
V
Operating ambient temperature
TA
–20
+75
°C
LC oscillation frequency
fOSC
478
MHz
Control input high level voltage
VCIH
DATA, CLK, CS, PCL
3.5
V
Control input low level voltage
VCIL
DATA, CLK, CS, PCL
1.5
V
Signal output high level voltage
VSOH
ISOH=–1mA, VDD=5.0 V
4.5
V
Signal output low level voltage
VSOL
ISOL=1mA, VDD=5.0 V
0.5
V
Internal signal level setting voltage
VVL
VCNT
2.5
VDD
V
External video signal input voltage
Vi
VBSI
0
VDD
V
Current consumption
IDD
fOSC=8MHz
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com