Electronic Components Datasheet Search
  English  ▼

X  

UPD6465CS Datasheet(PDF) 47 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 47 Page - NEC

Back Button UPD6465CS Datasheet HTML 43Page - NEC UPD6465CS Datasheet HTML 44Page - NEC UPD6465CS Datasheet HTML 45Page - NEC UPD6465CS Datasheet HTML 46Page - NEC UPD6465CS Datasheet HTML 47Page - NEC UPD6465CS Datasheet HTML 48Page - NEC UPD6465CS Datasheet HTML 49Page - NEC UPD6465CS Datasheet HTML 50Page - NEC UPD6465CS Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
µPD6464A,6465
47
(2) 4fSC Crystal oscillation
1 CLK
2 CS
3 DATA
1
CLK
CS
DATA
VDD
OSCOUT
OSCIN
PCL
GND
FSCI
FSCO
XOSO
XOSI
VBSI
VCNT
SECAM
VBSO
NRE
TEST
N. C.
CSYIN
VSYO
HSYO
VC
VBLK
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
10 F
+
+
Video-IN
2 Vp-p
10 F
µ
5.1 k
Ω
1.2 k
Ω
100 k
Ω
2.2 k
Ω
VCC = 5 V
2.2 k
Ω
Video OUT
2 Vp-p
VCC = 5 V
10 H
µ
100 pF
100 pF
Csync
10 F
µ
0.01 F
µ
+
30 pF
5 to 30 pF
39 H
µ
µ
<<Clamp circuit>>
VDD = 5 V
VCC = 5 V
5 to 30 pF
4 fSC
VDD or GND
open
30 pF
Cautions 1. The clamp circuit is not necessary when the sync-chip level (1 V DC) can be directly input
to pin 24.
2. Pin 20 is connected so as to reject unwanted radiation.
3. This application circuit is assumed to input 2Vp-p video signals.
4. Connect pin 9 to GND or VDD (do not open). Pin 10 should be open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com