Electronic Components Datasheet Search
  English  ▼

X  

UPD6465CS Datasheet(PDF) 28 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 28 Page - NEC

Back Button UPD6465CS Datasheet HTML 24Page - NEC UPD6465CS Datasheet HTML 25Page - NEC UPD6465CS Datasheet HTML 26Page - NEC UPD6465CS Datasheet HTML 27Page - NEC UPD6465CS Datasheet HTML 28Page - NEC UPD6465CS Datasheet HTML 29Page - NEC UPD6465CS Datasheet HTML 30Page - NEC UPD6465CS Datasheet HTML 31Page - NEC UPD6465CS Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
µPD6464A,6465
28
4.2
Test Mode Clear Command
The command that clears the test mode is as follows:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1011000000000000
Caution
Be sure to connect the TEST pin to VCC when performing the above adjustment. Be sure to
connect the TEST pin to GND after adjustment.
4.3
Clamp Level of Video Signal
Match the clamp level of the composite video signal input to the
µPD6464A, 6465 with the internal video signal
level of the
µPD6464A, 6465. Otherwise, the character level in the external video signal mode will differ from
that in the internal video signal mode.
Adjustment
The internal video signal level of the
µPD6464A, 6465 is set by the voltage applied to the VCNT pin and an
“output level control command”.
The amplitude level of the internal video signal, sync-chip level, and pedestal level can be set in the following
combination:
Specified by Output
Internal Video Signal
Sync-Chip Level
Pedestal Level
VCNT Pin Voltage
Level Control
Amplitude Level
(VDD = 5.0 typ.)
(VDD = 5.0 typ.)
Command
(VDD = 5.0 typ.)
(VSYT)
(VPED)
2.5 V
Selects 1 Vp-p
1 Vp-p
1 V
1.29 V
5.0 V
Selects 2 Vp-p
2 Vp-p
1 V
1.58 V
Adjust the sync-chip and pedestal levels of the external video signal to the same level of the internal video signal
by using a variable resistor (pin 23) shown in 8. APPLICATION CIRCUIT DIAGRAM. When setting the video
amplitude level to 1 Vp-p, connecting a variable resistor to the VCNT pin is recommended to adjust the internal video
signal level (when setting the video signal to 2 Vp-p, connect the VCNT pin to the power supply (5 V)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com