Electronic Components Datasheet Search
  English  ▼

X  

UPD6465CS Datasheet(PDF) 20 Page - NEC

Part # UPD6465CS
Description  ON-SCREEN CHARACTER DISPLAY CMOS LSI FOR 12-LINE, 24-COLUMN DECK-TYPE VCR
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6465CS Datasheet(HTML) 20 Page - NEC

Back Button UPD6465CS Datasheet HTML 16Page - NEC UPD6465CS Datasheet HTML 17Page - NEC UPD6465CS Datasheet HTML 18Page - NEC UPD6465CS Datasheet HTML 19Page - NEC UPD6465CS Datasheet HTML 20Page - NEC UPD6465CS Datasheet HTML 21Page - NEC UPD6465CS Datasheet HTML 22Page - NEC UPD6465CS Datasheet HTML 23Page - NEC UPD6465CS Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
µPD6464A,6465
20
2.10
Output Level Control Command
The
µPD6464A, 6465 can set the luminance level of the character and background (including the frame) by
using a command.
This command is a 2-byte command, and must be input in 16-bit units even when successively input.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
100100
0
VPD
0
0
0
0
0
1
VC1
VC0
Character level control bits
VC1
VC0
0
1
1
1
Function
75 I.R.E.
90 I.R.E.
Setting Prohibited
Internal video signal amplitude control bit
VPD
0
1
Function
1 Vp-p amplitude
2 Vp-p amplitude
1
0
Setting Prohibited
0
0
•
Character level control bits
These bits can select two character luminance levels: 75 or 90 I.R.E.
If these bits are not set, the character level is set to 75 I.R.E.
Remark
The background (frame) level is fixed to 0 I.R.E.
•
Internal video signal amplitude control bit
This bit sets the amplitude of the internal video signal to 1 or 2 Vp-p (this amplitude must match the amplitude of
the signal input in the external video signal mode). When the amplitude is set to 1 Vp-p, the voltage applied to the
VCNT pin must be 2.5 V.
When the amplitude is set to 2 Vp-p, apply 5 V to the VCNT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com