Electronic Components Datasheet Search
  English  ▼

X  

AN2857 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 13Page - STMicroelectronics AN2857 Datasheet HTML 14Page - STMicroelectronics AN2857 Datasheet HTML 15Page - STMicroelectronics AN2857 Datasheet HTML 16Page - STMicroelectronics AN2857 Datasheet HTML 17Page - STMicroelectronics AN2857 Datasheet HTML 18Page - STMicroelectronics AN2857 Datasheet HTML 19Page - STMicroelectronics AN2857 Datasheet HTML 20Page - STMicroelectronics AN2857 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN2857
Run and low-power modes
Doc ID 15241 Rev 3
17/31
Equation 2
tWKUP is the time spent waking up the microcontroller and executing the first instruction of
the interrupt routine. It depends on the halt phase configuration (regulator used and Flash
state). Some typical values for this parameter are given in Table 11, Table 12, Table 13, and
Table 14.
tCODE is the execution time of the user routine. This time depends on the user code
implementation.
tSHDW is the time taken for entering low-power mode. It depends on the halt phase
configuration (regulator used and Flash state). This time includes the context saving.
4.4
Halt mode
In halt mode, all clocks are stopped while the RAM content and all registers are preserved.
In this mode, the MVR regulator is switched off to limit power consumption. Only the LPVR
regulator is active.
4.4.1
Entering halt mode
The MCU enters halt mode when the HALT instruction is executed.
4.4.2
Exiting halt mode
Wakeup from halt mode is triggered by an external interrupt, sourced by a GPIO pin
configured as an interrupt input or a peripheral interrupt. Interrupts which can wake up the
device from halt mode include:
●
External interrupt (GPIO)
●
CAN receive interrupt
●
SPI end of transfer
●
I2C interrupt (slave address match)
●
Reset
4.4.3
Flash configuration during halt mode
By default, when entering halt mode, the Flash is in power-down mode. To maintain the
Flash in operating mode during halt mode the HALT bit of Flash control register 1
(FLASH_CR1) must be set.
When the Flash is in power-down mode, the power consumption of the device is reduced
but the wakeup time increases.
t
RUN
t
WKUP
t
CODE
t
SHDW
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com