Electronic Components Datasheet Search
  English  ▼

X  

AN2857 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 20Page - STMicroelectronics AN2857 Datasheet HTML 21Page - STMicroelectronics AN2857 Datasheet HTML 22Page - STMicroelectronics AN2857 Datasheet HTML 23Page - STMicroelectronics AN2857 Datasheet HTML 24Page - STMicroelectronics AN2857 Datasheet HTML 25Page - STMicroelectronics AN2857 Datasheet HTML 26Page - STMicroelectronics AN2857 Datasheet HTML 27Page - STMicroelectronics AN2857 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Power consumption and wakeup time measurements and results
AN2857
24/31
Doc ID 15241 Rev 3
5.1.6
Conclusions
Power consumption depends on:
●
Supply voltage
●
Clock frequency
The results presented in this section, show that the functioning mode (run, wait, active halt
and halt) of the MCU impacts consumption and can greatly reduce it.
For active halt and halt mode, the user can choose which regulator to be used (MVR or
LPVR) and the Flash state (operating mode or power-down mode). Using the results
presented in Section 5.1: Power consumption measurements and results, consumption is
estimated as follows:
●
MVR: About 135 µA
●
Flash: About 60 µA
●
AWU + LSI: About 4 µA
5.2
Wakeup time measurements and results
Wakeup time measurements are taken in low-power modes. Results are given in Table 11 to
Table 14.
The wake-up time is measured from the interrupt event to the first instruction execution in
the interrupt routine. Figure 7 explains the wakeup time measurement.
Note:
In the STM8S and STM8A datasheets the wake-up time is not defined in the same way. it
does not include the fetch of the interrupt vector.
5.2.1
Measurement configuration
Hardware environment
The following hardware configuration is used to measure the MCU wakeup time: one pin of
the microcontroller is used as an interrupt input pin. Another pin is used as an output pin.
The CPU clock is outputted on the CLK_CCO pin. These three pins are monitored on an
oscilloscope.
Firmware description
The code starts with the MCU configuration. One pin (PB5) is configured as an input
interrupt. After configuration, the MCU switches into low-power mode. When an external
interrupt is triggered, the MCU wakes up, and executes the interrupt routine. The interrupt
routine causes a pin (PB1) to toggle.
Note:
The results given in this section take into account the interrupt latency times because they
include the time between the external event occurring and the first instruction of the interrupt
routine being executed.
The code executed in the interrupt routine is described below:
ld A,#$02
ld $5005,A
ld A,#$00
ld $5005,A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com