Electronic Components Datasheet Search
  English  ▼

X  

AN2857 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 23Page - STMicroelectronics AN2857 Datasheet HTML 24Page - STMicroelectronics AN2857 Datasheet HTML 25Page - STMicroelectronics AN2857 Datasheet HTML 26Page - STMicroelectronics AN2857 Datasheet HTML 27Page - STMicroelectronics AN2857 Datasheet HTML 28Page - STMicroelectronics AN2857 Datasheet HTML 29Page - STMicroelectronics AN2857 Datasheet HTML 30Page - STMicroelectronics AN2857 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
AN2857
Power consumption and wakeup time measurements and results
Doc ID 15241 Rev 3
27/31
Observations
●
When fast clock wakeup is enabled, wakeup time always equals HSI wakeup time
because the MCU automatically wakes up on HSI.
●
When the wakeup clock is the HSE crystal, wakeup time is very long and depends on
the supply voltage and the crystal used. This is due to the stabilization time of the
oscillator. This long wakeup time can be avoided by:
–
Using the fast clock wakeup feature.
–
Programing a shorter stabilization time in the HSECNT option byte (refer to the
option bytes section of the STM8S and STM8A datasheets). By default, a delay of
2048 oscillator cycles is inserted before the clock signal is released (the default
value of 2048 oscillator cycles is used in the above measurements).
●
Data for ‘HSE crystal/Flash on’ are not given in Table 12 because the wakeup time of
the Flash is always the same. The wakeup time of the Flash is about 2 µs.
●
The wakeup time of the MVR is about 50 µs.
5.2.5
Wakeup time results in halt mode
Observations
●
The wakeup time of the Flash is about 2 µs (the same as for active halt mode).
●
The wakeup time in halt mode (LPVR) is shorter than in active halt mode (see
Table 12). Note that the data in Table 12 include one AWU clock cycle sampling delay.
Table 13.
Wakeup time results in active halt mode (LPVR)
Symbol
Parameter
Condition
VDD = 3.3 V
(1)
1.
The minus sign (-) indicates that the wakeup time is the same for VDD = 5 V.
VDD = 5 V Unit
Clock
Others
tWU(AH)
Wakeup
time from
active halt
mode
HSI
(16 MHz)
Flash on
-
56
µs
Flash off
-
58
Table 14.
Wakeup time results in halt mode (LPVR)
Symbol
Parameter
Condition
VDD = 3.3 V
VDD = 5 V Unit
Clock
Others
tWU(H)
Wakeup
time from
halt mode
HSI
(16 MHz)
Flash on
-
52
µs
Flash off
-
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com