Electronic Components Datasheet Search
  English  ▼

X  

AN2857 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 15Page - STMicroelectronics AN2857 Datasheet HTML 16Page - STMicroelectronics AN2857 Datasheet HTML 17Page - STMicroelectronics AN2857 Datasheet HTML 18Page - STMicroelectronics AN2857 Datasheet HTML 19Page - STMicroelectronics AN2857 Datasheet HTML 20Page - STMicroelectronics AN2857 Datasheet HTML 21Page - STMicroelectronics AN2857 Datasheet HTML 22Page - STMicroelectronics AN2857 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
AN2857
Power consumption and wakeup time measurements and results
Doc ID 15241 Rev 3
19/31
Figure 4.
Power supply setup
Figure 4 does not show the decoupling capacitors for all power supplies. Ceramic
decoupling capacitors, with very low parasitc serial resistance, are used for the power
measurements. Current leakage through such decoupling capacitors is not visible.
When the power measurements are performed with an external crystal, there is no internal
clock division. The crystal is physically changed for each frequency. Figure 5 shows the
crystal oscillator setup.
Figure 5.
Crystal oscillator setup
When the power measurements are taken with an external clock, the following configuration
is used: The function generator provides a ‘SIN’ waveform at a given frequency. The wave
oscillates from 0 V to 5 V or 3.3 V depending on the supply voltage. As the OSCOUT pin is
not used, it is configured like other GPIOs (output push-pull outputting low level).
STM8
A
VDDIO
VDDA
VSSIO
VSSA
VSS
VDD
3.3 V or 5 V
ai15047
STM8
OSCIN
OSCOUT
CL1 = 22 pF
CL2 = 22 pF
ai15048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com