Electronic Components Datasheet Search
  English  ▼

X  

AN2857 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 16Page - STMicroelectronics AN2857 Datasheet HTML 17Page - STMicroelectronics AN2857 Datasheet HTML 18Page - STMicroelectronics AN2857 Datasheet HTML 19Page - STMicroelectronics AN2857 Datasheet HTML 20Page - STMicroelectronics AN2857 Datasheet HTML 21Page - STMicroelectronics AN2857 Datasheet HTML 22Page - STMicroelectronics AN2857 Datasheet HTML 23Page - STMicroelectronics AN2857 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Power consumption and wakeup time measurements and results
AN2857
20/31
Doc ID 15241 Rev 3
Figure 6.
External clock setup
Selection between the external clock and the crystal oscillator is made by the external clock
selection (EXTCLK) option bit. Refer to the option byte sections of the STM8S and STM8A
datasheets for more details.
Firmware description for run mode measurements
Power consumption in run mode depends on several factors which are linked more to the
application than to the mode itself. Therefore, it is difficult to give some typical values. For
example, consumption in run mode depends on the code executed and the code placement
in the memory (the latter because of the pipeline and prefetch buffer).
Section 5.1.2: Power consumption results in run mode gives an overview of consumption in
run mode with the code executed from Flash and RAM memory. The code starts with the
MCU configuration (GPIO, PCG, ...). The MCU then enters an endless loop, executing a
sequence of various instructions one hundred times. This is to benefit from the prefetch
buffer.
Note:
The same code is executed from Flash and from RAM memory.
Firmware description for low-power modes measurements
The code starts with the MCU configuration (GPIO, PCG, Flash mode, and regulator used
during the low-power mode). The low-power mode entering instruction is then executed and
the microcontroller switches to the corresponding low-power mode. The measurement is
taken when the MCU is actually in low-power mode.
For more details about firmware configurations please refer to the zip file which contains the
source codes related to this application note.
STM8
OSCIN
ai15049
OSCIN
5 V or 3.3 V
t
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com