Electronic Components Datasheet Search
  English  ▼

X  

AN2857 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2857
Description  STM8S and STM8A family power management
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2857 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2857 Datasheet HTML 14Page - STMicroelectronics AN2857 Datasheet HTML 15Page - STMicroelectronics AN2857 Datasheet HTML 16Page - STMicroelectronics AN2857 Datasheet HTML 17Page - STMicroelectronics AN2857 Datasheet HTML 18Page - STMicroelectronics AN2857 Datasheet HTML 19Page - STMicroelectronics AN2857 Datasheet HTML 20Page - STMicroelectronics AN2857 Datasheet HTML 21Page - STMicroelectronics AN2857 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Power consumption and wakeup time measurements and results
AN2857
18/31
Doc ID 15241 Rev 3
5
Power consumption and wakeup time measurements
and results
The following measurements and results aim to highlight the impact of different low-power
modes on MCU consumption and wakeup time.
Power consumptions given are typical values measured at 25 °C. They are for guidance
only. A zip file containing the software used to take these measurements is attached to this
application note. Refer to the electrical characteristics sections of the STM8S and STM8A
datasheets for real specifications.
5.1
Power consumption measurements and results
Power consumption measurements are taken in run mode and low power modes. Results
are given in Table 5 to Table 10.
5.1.1
Measurement configuration
●
VDDA, VDDIO1, VDDIO2, and VDD are connected together to VDD
●
VSSA, VSSIO1, VSSIO2, and VSS are connected together to VSS
●
All ports are set as output low level (single wire interface module, SWIM, is disabled).
●
All peripherals are disabled (even if enabled by default)
●
If possible, all peripheral clocks are stopped (see the CLK_PCKENRx definition in the
STM8S and STM8A reference manual).
Once the device is configured, the MCU is then put into the different functioning modes
described in Section 4: Run and low-power modes. Measurements are performed on an
STM8S208MBT6 in an LQFP80 package. This is the ‘super set’ of the family which has the
highest consumption rates.
Hardware environment
Run and low-power modes power consumption are measured simultaneously on VDD,
VDDIO and VDDA. The hardware configuration is given in Figure 4: ITOT = IVDDIO + IVDD +
IVDDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com