Electronic Components Datasheet Search
  English  ▼

X  

LT1933 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1933 Datasheet HTML 5Page - Linear Technology LT1933 Datasheet HTML 6Page - Linear Technology LT1933 Datasheet HTML 7Page - Linear Technology LT1933 Datasheet HTML 8Page - Linear Technology LT1933 Datasheet HTML 9Page - Linear Technology LT1933 Datasheet HTML 10Page - Linear Technology LT1933 Datasheet HTML 11Page - Linear Technology LT1933 Datasheet HTML 12Page - Linear Technology LT1933 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1933
9
1933fe
APPLICATIONS INFORMATION
switching current into a tight local loop, minimizing EMI.
A 2.2μF capacitor is capable of this task, but only if it is
placed close to the LT1933 and the catch diode; see the
PCB Layout section. A second precaution regarding the
ceramic input capacitor concerns the maximum input
voltage rating of the LT1933. A ceramic input capacitor
combined with trace or cable inductance forms a high
quality (under damped) tank circuit. If the LT1933 circuit
is plugged into a live supply, the input voltage can ring to
twice its nominal value, possibly exceeding the LT1933’s
voltage rating. This situation is easily avoided; see the Hot
Plugging Safely section.
Output Capacitor
The output capacitor has two essential functions. Along
with the inductor, it filters the square wave generated
by the LT1933 to produce the DC output. In this role it
determines the output ripple, and low impedance at the
switching frequency is important. The second function
is to store energy in order to satisfy transient loads and
stabilize the LT1933’s control loop.
Ceramic capacitors have very low equivalent series re-
sistance (ESR) and provide the best ripple performance.
A good value is
COUT = 60/VOUT
where COUT is in μF. Use X5R or X7R types, and keep
in mind that a ceramic capacitor biased with VOUT will
have less than its nominal capacitance. This choice will
provide low output ripple and good transient response.
Transient performance can be improved with a high value
capacitor, but a phase lead capacitor across the feedback
resistor R1 may be required to get the full benefit (see the
Compensation section).
High performance electrolytic capacitors can be used for
the output capacitor. Low ESR is important, so choose one
that is intended for use in switching regulators. The ESR
should be specified by the supplier, and should be 0.1Ω
or less. Such a capacitor will be larger than a ceramic
capacitor and will have a larger capacitance, because the
capacitor must be large to achieve low ESR. Table 2 lists
several capacitor vendors.
Table 2.Inductor Vendors
Vendor
Phone
URL
Part Series
Comments
Panasonic
(714) 373-7366
www.panasonic.com
Ceramic,
Polymer,
Tantalum
EEF Series
Kemet
(864) 963-6300
www.kemet.com
Ceramic,
Tantalum
T494, T495
Sanyo
(408) 749-9714
www.sanyovideo.com
Ceramic,
Polymer,
Tantalum
POSCAP
Murata
(404)436-1300
www.murata.com
Ceramic
AVX
www.avxcorp.com
Ceramic,
Tantalum
TPS Series
Taiyo Yuden
(864)963-6300
www.taiyo-yuden.com
Ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com