Electronic Components Datasheet Search
  English  ▼

X  

LT1933 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1933 Datasheet HTML 12Page - Linear Technology LT1933 Datasheet HTML 13Page - Linear Technology LT1933 Datasheet HTML 14Page - Linear Technology LT1933 Datasheet HTML 15Page - Linear Technology LT1933 Datasheet HTML 16Page - Linear Technology LT1933 Datasheet HTML 17Page - Linear Technology LT1933 Datasheet HTML 18Page - Linear Technology LT1933 Datasheet HTML 19Page - Linear Technology LT1933 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT1933
16
1933fe
APPLICATIONS INFORMATION
PCB Layout
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. Figure 8 shows
the recommended component placement with trace,
ground plane and via locations. Note that large, switched
currents flow in the LT1933’s VIN and SW pins, the catch
diode (D1) and the input capacitor (C2). The loop formed
by these components should be as small as possible and
tied to system ground in only one place. These components,
along with the inductor and output capacitor, should be
placed on the same side of the circuit board, and their
connections should be made on that layer. Place a local,
unbroken ground plane below these components, and tie
this ground plane to system ground at one location, ideally
at the ground terminal of the output capacitor C1. The SW
and BOOST nodes should be as small as possible. Finally,
keep the FB node small so that the ground pin and ground
traces will shield it from the SW and BOOST nodes. Include
two vias near the GND pin of the LT1933 to help remove
heat from the LT1933 to the ground plane.
Figure 8a shows the layout for the DFN package. Vias
near and under the exposed die attach paddle minimize
the thermal resistance of the LT1933.
Figure 8. A Good PCB Layout Ensures Proper, Low EMI Operation
GND
VOUT
VIAS
VIN
1933 F08a
D1
C1
C2
SHUTDOWN
VIAS
OUTLINE OF LOCAL GROUND PLANE
VIN
VOUT
1933 F08b
SYSTEM
GROUND
C2
D1
C1
(8a)
DFN Package
(8b)
SOT-23 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com