Electronic Components Datasheet Search
  English  ▼

X  

LT1933 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1933 Datasheet HTML 10Page - Linear Technology LT1933 Datasheet HTML 11Page - Linear Technology LT1933 Datasheet HTML 12Page - Linear Technology LT1933 Datasheet HTML 13Page - Linear Technology LT1933 Datasheet HTML 14Page - Linear Technology LT1933 Datasheet HTML 15Page - Linear Technology LT1933 Datasheet HTML 16Page - Linear Technology LT1933 Datasheet HTML 17Page - Linear Technology LT1933 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT1933
14
1933fe
APPLICATIONS INFORMATION
Figure 6. A Well Chosen Input Network Prevents Input Voltage Overshoot and
Ensures Reliable Operation When the LT1933 is Connected to a Live Supply
+
+
LT1933
2.2μF
VIN
20V/DIV
IIN
5A/DIV
20μs/DIV
VIN
CLOSING SWITCH
SIMULATES HOT PLUG
IIN
(6a)
(6b)
(6c)
LOW
IMPEDANCE
ENERGIZED
24V SUPPLY
STRAY
INDUCTANCE
DUE TO 6 FEET
(2 METERS) OF
TWISTED PAIR
+
+
LT1933
2.2μF
10μF
35V
AI.EI.
LT1933
2.2μF
0.1μF
1Ω
1933 F06
VIN
20V/DIV
IIN
5A/DIV
20μs/DIV
VIN
20V/DIV
IIN
5A/DIV
20μs/DIV
DANGER!
RINGING VIN MAY EXCEED
ABSOLUTE MAXIMUM
RATING OF THE LT1933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com