Electronic Components Datasheet Search
  English  ▼

X  

LT1933 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1933 Datasheet HTML 12Page - Linear Technology LT1933 Datasheet HTML 13Page - Linear Technology LT1933 Datasheet HTML 14Page - Linear Technology LT1933 Datasheet HTML 15Page - Linear Technology LT1933 Datasheet HTML 16Page - Linear Technology LT1933 Datasheet HTML 17Page - Linear Technology LT1933 Datasheet HTML 18Page - Linear Technology LT1933 Datasheet HTML 19Page - Linear Technology LT1933 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
LT1933
17
1933fe
TYPICAL APPLICATIONS
3.3V Step-Down Converter
12V Step-Down Converter
VIN
4.5V TO
36V
OFF ON
C3
0.1μF
D2
L1
22μH
R2
10k
R1
16.5k
C1
22μF
6.3V
1933 TA02b
C2
2.2μF
VOUT
3.3V/
500mA
VIN
BOOST
GND
FB
SHDN
SW
LT1933
D1
VIN
14.5V TO
36V
OFF ON
C3
0.1μF
D3, 6V
D1
L1
47μH
R2
10k
R1
86.6k
C1
10μF
1933 TA02d
C2
2.2μF
VOUT
12V/
450mA
D2
VIN
BOOST
GND
FB
SHDN
SW
LT1933



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com