Electronic Components Datasheet Search
  English  ▼

X  

LT1933 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1933 Datasheet HTML 2Page - Linear Technology LT1933 Datasheet HTML 3Page - Linear Technology LT1933 Datasheet HTML 4Page - Linear Technology LT1933 Datasheet HTML 5Page - Linear Technology LT1933 Datasheet HTML 6Page - Linear Technology LT1933 Datasheet HTML 7Page - Linear Technology LT1933 Datasheet HTML 8Page - Linear Technology LT1933 Datasheet HTML 9Page - Linear Technology LT1933 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT1933
6
1933fe
PIN FUNCTIONS
BOOST (Pin 1): The BOOST pin is used to provide a drive
voltage, higher than the input voltage, to the internal bipolar
NPN power switch.
GND (Pin 2/Pin 5 and Exposed Pad, Pin 7): Tie the
GND pin to a local ground plane below the LT1933 and
the circuit components. Return the feedback divider to
this pin.
FB (Pin 3/Pin 6): The LT1933 regulates its feedback pin to
1.245V. Connect the feedback resistor divider tap to this
pin. Set the output voltage according to VOUT = 1.245V
(1 + R1/R2). A good value for R2 is 10k.
SHDN (Pin 4): The SHDN pin is used to put the LT1933 in
shutdown mode. Tie to ground to shut down the LT1933.
Tie to 2.3V or more for normal operation. If the shutdown
feature is not used, tie this pin to the VIN pin. SHDN also
provides a soft-start function; see the Applications Infor-
mation section.
VIN (Pin 5/Pin 2): The VIN pin supplies current to the
LT1933’s internal regulator and to the internal power
switch. This pin must be locally bypassed.
SW (Pin 6): The SW pin is the output of the internal power
switch. Connect this pin to the inductor, catch diode and
boost capacitor.
(SOT-23/DFN)
BLOCK DIAGRAM
Σ
R
DRIVER
Q1
S
OSC
SLOPE
COMP
FREQUENCY
FOLDBACK
INT REG
AND
UVLO
VC
gm
1.245V
1933 BD
Q
Q
BOOST
SW
FB
R2
R1
VOUT
L1
D2
C3
C1
D1
VIN
C2
VIN
ON OFF
GND
C4
R3
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com