Electronic Components Datasheet Search
  English  ▼

X  

LT1933 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1933 Datasheet HTML 7Page - Linear Technology LT1933 Datasheet HTML 8Page - Linear Technology LT1933 Datasheet HTML 9Page - Linear Technology LT1933 Datasheet HTML 10Page - Linear Technology LT1933 Datasheet HTML 11Page - Linear Technology LT1933 Datasheet HTML 12Page - Linear Technology LT1933 Datasheet HTML 13Page - Linear Technology LT1933 Datasheet HTML 14Page - Linear Technology LT1933 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1933
11
1933fe
APPLICATIONS INFORMATION
BOOST Pin Considerations
Capacitor C3 and diode D2 are used to generate a boost
voltage that is higher than the input voltage. In most cases
a 0.1μF capacitor and fast switching diode (such as the
1N4148 or 1N914) will work well. Figure 2 shows two
ways to arrange the boost circuit. The BOOST pin must
be at least 2.3V above the SW pin for best efficiency. For
outputs of 3V and above, the standard circuit (Figure 2a)
is best. For outputs between 2.5V and 3V, use a 0.47μF
capacitor and a small Schottky diode (such as the BAT-54).
For lower output voltages the boost diode can be tied to
the input (Figure 2b). The circuit in Figure 2a is more ef-
ficient because the BOOST pin current comes from a lower
voltage source. You must also be sure that the maximum
voltage rating of the BOOST pin is not exceeded.
The minimum operating voltage of an LT1933 application
is limited by the undervoltage lockout (~3.35V) and by
the maximum duty cycle as outlined above. For proper
startup, the minimum input voltage is also limited by the
boost circuit. If the input voltage is ramped slowly, or the
LT1933 is turned on with its SHDN pin when the output
is already in regulation, then the boost capacitor may not
be fully charged. Because the boost capacitor is charged
with the energy stored in the inductor, the circuit will rely
on some minimum load current to get the boost circuit
running properly. This minimum load will depend on input
and output voltages, and on the arrangement of the boost
circuit. The minimum load generally goes to zero once the
circuit has started. Figure 3 shows a plot of minimum load
to start and to run as a function of input voltage. In many
Figure 2. Two Circuits for Generating the Boost Voltage
Figure 3. The Minimum Input Voltage Depends on Output Voltage, Load Current and Boost Circuit
VIN
BOOST
GND
SW
VIN
LT1933
(2a)
D2
1933 F02a
VOUT
C3
VBOOST – VSW ≅ VOUT
MAX VBOOST ≅ VIN + VOUT
VIN
BOOST
GND
SW
VIN
LT1933
(2b)
D2
1933 F02b
VOUT
C3
VBOOST – VSW ≅ VIN
MAX VBOOST ≅ 2VIN
LOAD CURRENT (mA)
4.5
5.0
5.5
6.0
1933 F03a
3.0
3.5
4.0
VOUT = 3.3V
TA = 25°C
L = 22μH
TO START
TO RUN
1
10
100
LOAD CURRENT (mA)
5
6
7
8
1933 F03b
4
VOUT = 5V
TA = 25°C
L = 33μH
TO START
TO RUN
1
10
100
Minimum Input Voltage VOUT = 3.3V
Minimum Input Voltage VOUT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com