Electronic Components Datasheet Search
  English  ▼

X  

LT1933 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1933
Description  600mA, 500kHz Step-Down Switching Regulator in SOT-23 and DFN Packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1933 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1933 Datasheet HTML 6Page - Linear Technology LT1933 Datasheet HTML 7Page - Linear Technology LT1933 Datasheet HTML 8Page - Linear Technology LT1933 Datasheet HTML 9Page - Linear Technology LT1933 Datasheet HTML 10Page - Linear Technology LT1933 Datasheet HTML 11Page - Linear Technology LT1933 Datasheet HTML 12Page - Linear Technology LT1933 Datasheet HTML 13Page - Linear Technology LT1933 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1933
10
1933fe
APPLICATIONS INFORMATION
Figure 1 shows the transient response of the LT1933 with
several output capacitor choices. The output is 3.3V. The
load current is stepped from 100mA to 400mA and back to
100mA, and the oscilloscope traces show the output volt-
age. The upper photo shows the recommended value. The
second photo shows the improved response (less voltage
drop) resulting from a larger output capacitor and a phase
lead capacitor. The last photo shows the response to a high
performance electrolytic capacitor. Transient performance
is improved due to the large output capacitance, but output
ripple (as shown by the broad trace) has increased because
of the higher ESR of this capacitor.
Figure 1. Transient Load Response of the LT1933 with Different
Output Capacitors as the Load Current is Stepped from 100mA
to 400mA. VIN = 12V, VOUT = 3.3V, L = 22μH.
22μF
FB
16.5k
10k
VOUT
1933 F01a
VOUT
50mV/DIV
IOUT
200mA/DIV
VOUT
50mV/DIV
IOUT
200mA/DIV
FB
VOUT
1933 F01b
16.5k
10k
22μF
2x
470pF
VOUT
50mV/DIV
IOUT
200mA/DIV
SANYO
4TPB100M
FB
1933 F01c
VOUT
+
16.5k
10k
100μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com