Electronic Components Datasheet Search
  English  ▼

X  

LTC1740 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1740
Description  14-Bit, 6Msps, Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1740 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1740 Datasheet HTML 3Page - Linear Technology LTC1740 Datasheet HTML 4Page - Linear Technology LTC1740 Datasheet HTML 5Page - Linear Technology LTC1740 Datasheet HTML 6Page - Linear Technology LTC1740 Datasheet HTML 7Page - Linear Technology LTC1740 Datasheet HTML 8Page - Linear Technology LTC1740 Datasheet HTML 9Page - Linear Technology LTC1740 Datasheet HTML 10Page - Linear Technology LTC1740 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1740
1740f
OVDD (Pin 19): Positive Supply for the Output Logic. Can
be 2.7V to 5.25V. Bypass to GND with a 1
µF to 10µF
ceramic capacitor.
BUSY (Pin 27): BUSY is low when a conversion is in
progress. When a conversion is finished and the ADC is
acquiring the input signal, BUSY is high. Either the falling
edge of BUSY or the rising edge of CLK can be used to
latch the output data.
VSS (Pins 29, 30): Negative Supply. Can be – 5V or 0V. If
VSS is not shorted to GND, bypass to GND with a 1µF
ceramic capacitor.
VDD (Pins 32, 33): Analog 5V Supply. Bypass to GND with
a 1
µF to 10µF ceramic capacitor (do not share a capacitor
with Pins 8, 9).
CLK (Pin 35): Conversion Start Signal. This active high
signal starts a conversion on its rising edge.
OF (Pin 36): Overflow Output. This signal is high when the
digital output is 01 1111 1111 1111 or 10 0000 0000 0000.
+AIN (Pin 1): Positive Analog Input.
–AIN (Pin 2): Negative Analog Input.
VCM (Pin 3): 2.5V Reference Output. Optional input com-
mon mode for single supply operation. Bypass to GND
with a 1
µF to 10µF ceramic capacitor.
SENSE (Pin 4): Reference Programming Pin. Ground
selects VREF = 4.5V. Short to VREF for VREF = 2.25V.
Connect SENSE to VDD to drive VREF with an external
reference. Connect SENSE directly to VDD, VREF or GND.
Do not drive SENSE with a logic signal.
VREF (Pin 5): DAC Reference. Bypass to GND with a 1µF to
10
µF ceramic capacitor.
GND (Pins 6, 7, 10, 31, 34): Analog Power Ground.
VDD (Pins 8, 9): Analog 5V Supply. Bypass to GND with a
1
µF to 10µF ceramic capacitor. (Do not share a capacitor
with Pins 32 and 33.)
OGND (Pins 11, 28): Output Logic Ground. Connect to
GND.
D13 to D0 (Pins 12 to 18, 20 to 26): Data Outputs. The
output format is two’s complement.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com